Electronic Components Datasheet Search |
|
RL1206FR-13L Datasheet(PDF) 3 Page - YAGEO Corporation |
|
RL1206FR-13L Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 9 page Chip Resistor Surface Mount www.yageo.com Mar 22, 2010 V.5 Product specification 3 9 SERIES RL 0402 to 2512 P PH HY YC CO OM MP P B BR RA AN ND D o orrd deerriin ngg cco od deess Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp brand products. GLOBAL PART NUMBER (PREFERRED) For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2. ORDERING EXAMPLE The ordering code of a RL0603 chip resistor, value 0.56 X with ±1% tolerance, supplied in tape of 5,000 units per reel is: 235051212567L or RL0603FR-070R56L. NOTE 1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol can be printed 12NC CODE 2350 / 2390 / 2322 XXX XXXXX L (1) (2) (3) (4) EMBOSSED (2) TAPE ON REEL PAPER/PE (2) TAPE ON REEL (units) SIZE TYPE START IN (1) TOL. (%) RESISTANCE RANGE 4,000 5,000 10,000 0402 LRC31 2350 ±5% 0.05 to 1 Ω - - 513 20xxx LRC32 2350 ±1% 0.05 to 1 Ω - - 513 22xxx 0603 LRC21 2350 ±5% 0.01 to 1 Ω - 512 10xxx - LRC22 2350 ±1% 0.01 to 1 Ω - 512 12xxx - 0805 LRC11 2350 ±5% 0.01 to 1 Ω - 511 10xxx - LRC12 2350 ±1% 0.01 to 1 Ω - 511 12xxx - 1206 LRC01 2350 ±5% 0.01 to 1 Ω - 510 10xxx - LRC02 2350 ±1% 0.01 to 1 Ω - 510 12xxx - 1210 LPRC101 2390 ±5% 0.01 to 0.0976 Ω - 735 90xxx - LPRC101 2390 ±5% 0.1 to 1 Ω - 735 60xxx - LPRC102 2390 ±1% 0.01 to 1 Ω - 735 3xxxx - 1218 LPRC201 2322 ±5% 0.01 to 1 Ω 735 64xxx - - LPRC201 2322 ±1% 0.01 to 1 Ω 735 7xxxx - - 2010 LPRC111 2322 ±5% 0.01 to 0.0976 Ω 760 90xxx - - LPRC111 2322 ±5% 0.1 to 1 Ω 760 60xxx - - LPRC111 2322 ±1% 0.01 to 0.0976 Ω 761 90xxx - - LPRC111 2322 ±1% 0.1 to 1 Ω 761 6xxxx - - 2512 LPRC221 2322 ±5% 0.01 to 0.0976 Ω 762 90xxx - - LPRC221 2322 ±5% 0.1 to 1 Ω 762 60xxx - - LPRC221 2322 ±1% 0.01 to 0.0976 Ω 763 90xxx - - LPRC221 2322 ±1% 0.1 to 1 Ω 763 6xxxx - - Resistance decade (3) Last digit 0.01 to 0.0976 X 0 0.1 to 0.976 X 7 1 to 9.76 X 8 10 to 97.6 X 9 100 to 976 X 1 1 to 9.76 kX 2 10 to 97.6 kX 3 100 to 976 kX 4 1 to 9.76 MX 5 10 to 97.6 MX 6 Example: 0.02 X = 0200 or 200 0.3 X = 3007 or 307 1 X = 1008 or 108 33 kX = 3303 or 333 10 MX = 1006 or 106 Last digit of 12NC (1) The resistors have a 12-digit ordering code starting with 2350/2390/2322. (2) The subsequent 4 or 5 digits indicate the resistor tolerance and packaging. (In 12NC code, only 07'' tape reel code is supplied. Supply of 10''/13'' tape reel is requested in Global part number ordering code.) (3) The remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of “Last digit of 12NC”. (4) Letter L is system default code for order only (Note). Letter H is Halogen / Lead free (special code on request). |
Similar Part No. - RL1206FR-13L |
|
Similar Description - RL1206FR-13L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |