Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24170RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24170RGYR
Description  1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24170RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24170RGYR Datasheet HTML 6Page - Texas Instruments BQ24170RGYR Datasheet HTML 7Page - Texas Instruments BQ24170RGYR Datasheet HTML 8Page - Texas Instruments BQ24170RGYR Datasheet HTML 9Page - Texas Instruments BQ24170RGYR Datasheet HTML 10Page - Texas Instruments BQ24170RGYR Datasheet HTML 11Page - Texas Instruments BQ24170RGYR Datasheet HTML 12Page - Texas Instruments BQ24170RGYR Datasheet HTML 13Page - Texas Instruments BQ24170RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
bq24170
bq24172
SLUSAD2B
– NOVEMBER 2010 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
4.5V
≤ V(PVCC, AVCC) ≤ 17V, –40°C < TJ + 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE TERMINATION
KTERM
Termination current set factor
Percentage of fast charge current
10%(3)
VSRP-SRN = 4 mV
–25%
25%
Termination current regulation accuracy
VSRP-SRN = 2 mV
–40%
40%
tTERM_DEG
Deglitch time for termination (both edges)
100
ms
tQUAL
Termination qualification time
VSRN > VRECH and ICHG < ITERM
250
ms
IQUAL
Termination qualification current
Discharge current once termination is detected
2
mA
INPUT UNDER-VOLTAGE LOCK-OUT COMPARATOR (UVLO)
VUVLO
AC under-voltage rising threshold
Measure on AVCC
3.4
3.6
3.8
V
VUVLO_HYS
AC under-voltage hysteresis, falling
Measure on AVCC
300
mV
SLEEP COMPARATOR (REVERSE DISCHARGING PROTECTION)
VSLEEP
SLEEP mode threshold
VAVCC – VSRN falling
50
90
150
mV
VSLEEP_HYS
SLEEP mode hysteresis
VAVCC – VSRN rising
200
mV
tSLEEP_FALL_CD
SLEEP deglitch to disable charge
VAVCC – VSRN falling
1
ms
tSLEEP_FALL_FETOFF
SLEEP deglitch to turn off input FETs
VAVCC – VSRN falling
5
ms
Deglitch to enter SLEEP mode, disable
tSLEEP_FALL
VAVCC – VSRN falling
100
ms
VREF and enter low quiescent mode
Deglitch to exit SLEEP mode, and enable
tSLEEP_PWRUP
VAVCC – VSRN rising
30
ms
VREF
ACN-SRN COMPARATOR
VACN-SRN
Threshold to turn on BATFET
VACN-SRN falling
150
220
300
mV
VACN-SRN_HYS
Hysteresis to turn off BATFET
VACN-SRN rising
100
mV
tBATFETOFF_DEG
Deglitch to turn on BATFET
VACN-SRN falling
2
ms
tBATFETON_DEG
Deglitch to turn off BATFET
VACN-SRN rising
50
µs
BAT LOWV COMPARATOR
bq24170, CELL to AGND, 1 cell, measure on
2.87
2.9
2.93
SRN
bq24170, CELL floating, 2 cells, measure on
5.74
5.8
5.86
SRN
VLOWV
Precharge to fast charge transition
V
bq24170, CELL to VREF, 3 cells, measure on
8.61
8.7
8.79
SRN
bq24172, measure on FB
1.43
1.45
1.47
bq24170, CELL to AGND, 1 cell, measure on
200
SRN
bq24170, CELL floating, 2 cells, measure on
400
SRN
VLOWV_HYS
Fast charge to precharge hysteresis
mV
bq24170, CELL to VREF, 3 cells, measure on
600
SRN
bq24172, measure on FB
100
tpre2fas
VLOWV rising deglitch
Delay to start fast charge current
25
ms
tfast2pre
VLOWV falling deglitch
Delay to start precharge current
25
ms
RECHARGE COMPARATOR
bq24170, CELL to AGND, 1 cell, measure on
70
100
130
SRN
bq24170, CELL floating, 2 cells, measure on
Recharge Threshold, below regulation
140
200
260
SRN
VRECHG
voltage limit, VBAT_REG-VSRN (bq24170), or
mV
VFB_REG-VFB (bq24172)
bq24170, CELL to VREF, 3 cells, measure on
210
300
390
SRN
bq24172, measure on FB
35
50
65
tRECH_RISE_DEG
VRECHG rising deglitch
VFB decreasing below VRECHG
10
ms
tRECH_FALL_DEG
VRECHG falling deglitch
VFB increasing above VRECHG
10
ms
(3)
The minimum current is 120 mA on 10m
Ω sense resistor.
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): bq24170 bq24172


Similar Part No. - BQ24170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results

Similar Description - BQ24170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com