Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ219XLB-KT Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ219XLB-KT
Description  Smart Battery Module with LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ219XLB-KT Datasheet(HTML) 3 Page - Texas Instruments

  BQ219XLB-KT Datasheet HTML 1Page - Texas Instruments BQ219XLB-KT Datasheet HTML 2Page - Texas Instruments BQ219XLB-KT Datasheet HTML 3Page - Texas Instruments BQ219XLB-KT Datasheet HTML 4Page - Texas Instruments BQ219XLB-KT Datasheet HTML 5Page - Texas Instruments BQ219XLB-KT Datasheet HTML 6Page - Texas Instruments BQ219XLB-KT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
Preliminary
bq219XL
Customer Name: ______________________________________________________________________________________________
Contact: _______________________________________________________
Phone:____________________________
Address:________________________________________________________________________________________________
Sales Contact: __________________________________________________
Phone: ____________________________
Board Configuration
IC type
________________
bq2040 or bq2092
LEDs and switch
________________
Yes or No
Display mode
________________
Relative or Absolute
Discharge rate (3.0A max.)
Min ____________
Avg ____________
Max ___________
Duration at max. discharge
________________
Number of series cells
________________
EEPROM Configuration
Typical Values
NiMH
Li-Ion
Remaining time alarm (min) _______________
Sets the low time alarm level
10 min
10 min
Remaining capacity alarm
(mAh)
_______________
Sets the low capacity alarm level
C/10
C/10
Charging voltage (mV)
_______________
Sets the requested charging voltage
65535
4.1V/cell
Design cpaacity (mAh)
_______________
Defines the battery pack capacity
3000
3600
Design voltage (mV)
_______________
Defines the battery pack voltage
12000
10800
Manufacturer date
_______________
Battery pack manufacturer date
mm/dd/yy mm/dd/yy
Serial number
_______________
Battery pack serial number
0-65535
0-65535
Fast-charging current (mA)
_______________
Sets the requested charging current
1C
1C
Maintenance charging
current (mA)
_______________
Sets the requested maintenance charging
current
C/20
0
Li-Ion taper current (mA)
_______________
Sets the upper limit for charge termination
NA
C/10
Maximum overcharge (mAh) _______________
Sets the maximum amount of overcharge
256mAh
128mAh
Maximum temperature (
°C) _______________ Sets the maximum charge temperature
61
°C61°C
∆T/∆t (°C/min)
_______________
Sets the termination rate
3°C/3min
4.6°C/20s
Fast-charge efficiency (%)
_______________
Sets the fast-charge efficiency factor
95%
100%
Maintenance charge effi-
ciency (%)
_______________
Sets the maintence charge efficiency factor
80%
100%
Self-discharge rate (%/day)
_______________
Sets the batterys self-discharge rate
1.5%/day
0.2%/day
EDV1 (mV)
_______________
Sets the initial end-of-discharge warning
1.05V/cell
3.0V/cell
EDVF (mV)
_______________
Sets the final end-of-discharge warning
1.0V/cell
2.8V/cell
Hold-off timer for
∆T/∆t (sec.) _______________
Sets the hold off period for
∆T/∆t
termination
180s
320s
Manufacturer name
_______________
Programs manufacturer’s name (11 char. max)
bq
bq
Device name
_______________
Programs device name (7 char. max)
bq36
bq202
Chemistry
_______________
Programs pack’s chemistry (5 char. max)
NiMH
LION
Manufacturer data
_______________
Open field (5 char. max)
2040
2040
FAE Approval:
________________
Date: ___________________
Table 1. bq219XL Module Configuration


Similar Part No. - BQ219XLB-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ219XLB-KT TI-BQ219XLB-KT Datasheet
351Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
More results

Similar Description - BQ219XLB-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ219XL TI-BQ219XL Datasheet
351Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145 TI-BQ2145 Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2148 TI-BQ2148 Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
Maxim Integrated Produc...
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2437 DALLAS-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com