Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1705BPTPA3 Datasheet(PDF) 8 Page - Texas Instruments

Part # AM1705BPTPA3
Description  AM1705 ARM Microprocessor
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705BPTPA3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM1705BPTPA3 Datasheet HTML 4Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 5Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 6Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 7Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 8Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 9Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 10Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 11Page - Texas Instruments AM1705BPTPA3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
AM1705
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the device . The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 2-1. Characteristics of the Device
HARDWARE FEATURES
AM1705
EMIFB
16-bit, up to 128 MB SDRAM
EMIFA
Asynchronous (8-bit bus width) RAM, Flash, NOR, NAND
Flash Card Interface
MMC and SD cards supported
EDMA3
32 independent channels, 8 QDMA channels, 2 Transfer controllers
2 64-Bit General Purpose (configurable as 2 separate 32-bit timers, 1 configurable as
Timers
Watch Dog)
UART
3 (one with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Multichannel Audio
2(each with transmit/receive, FIFO buffer, 16/12/4 serializers)
Serial Port [McASP]
10/100 Ethernet MAC
with Management Data
1 (RMII Interface)
Peripherals
I/O
eHRPWM
6 Single Edge, 6 Dual Edge Symmetric, or 3 Dual Edge Asymmetric Outputs
Not all peripherals pins
are available at the
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
same time (for more
eQEP
2 32-bit QEP channels with 4 inputs/channel
detail, see the Device
Configurations section). USB 2.0 (USB0)
Full-Speed/Low-Speed OTG Controller with on-chip OTG PHY
General-Purpose
8 banks of 16-bit
Input/Output Port
PRU Subsystem
2 Programmable PRU Cores
(PRUSS)
Size (Bytes)
168KB RAM, 64KB ROM
ARM
16KB I-Cache
16KB D-Cache
On-Chip Memory
8KB RAM (Vector Table)
Organization
64KB ROM
ADDITIONAL MEMORY
128KB RAM
0x8B7D F02F (Silicon Revision 1.1)
JTAG BSDL_ID
DEVIDR0 register
0x9B7D F02F (Silicon Revisions 3.0, 2.1, and 2.0)
CPU Frequency
MHz
ARM926 375 MHz (1.2V) or 456 MHz (1.3V)
1.2 V nominal for 375 MHz version
Core (V)
1.3 V nominal for 456 MHz version
Voltage
I/O (V)
3.3 V
Package
24 mm x 24 mm, 176-Pin, 0.5 mm pitch, TQFP (PTP)
Product Preview (PP),
Advance Information
375 MHz Versions - PD
Product Status(1)
(AI),
456 MHz Version - PD
or Production Data
(PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters..
8
Device Overview
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705


Similar Part No. - AM1705BPTPA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1705BPTPA3 TI-AM1705BPTPA3 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTPA3 TI1-AM1705BPTPA3 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
More results

Similar Description - AM1705BPTPA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com