Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1271IPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1271IPWRG4
Description  24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1271IPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1271IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 9Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 10Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 11Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 12Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 13Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 14Page - Texas Instruments ADS1271IPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD = 5V, DVDD = 1.8V, fCLK = 27MHz, VREFP = 2.5V, VREFN = 0V, unless otherwise noted.
Figure 19
ABSOLUTE OFFSET DRIFT HISTOGRAM
1357
9
11
13
15
17
19
21
Absolute Offset Drift (
µV/_C)
60
50
40
30
20
10
0
outliers: T <
−20_C
30 units, based on 20
_C intervals
over the range
−40_C to +105_C
Figure 20
GAIN DRIFT HISTOGRAM
Gain Drift (ppm/
_C)
15
10
5
0
30 units, based on 20
_C
intervals over the range
−40_Cto +105_C
Figure 21
OFFSET POWER−ON WARMUP
0
1020
30
4050
60
Time After Power−On (s)
40
30
20
10
0
−10
−20
−30
−40
High−Speed Mode
DVDD = 3.3V
Response
Band
Figure 22
GAIN ERROR POWER−ON WARMUP
0
10
20
3040
5060
Time After Power−On (s)
10
8
6
4
2
0
−2
−4
−6
−8
−10
High−Speed Mode
DVDD = 3.3V
Response
Band
Figure 23
UNCALIBRATED OFFSET HISTOGRAM
Uncalibrated Offset (
µV)
30
20
10
0
High−Speed Mode
30 Units
Figure 24
GAIN ERROR HISTOGRAM
Gain Error (ppm)
50
40
30
20
10
0
High−Speed Mode
30 Units


Similar Part No. - ADS1271IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1271IPWR BURR-BROWN-ADS1271IPWR Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com