Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7701QPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7701QPWR
Description  Micropower Supply Voltage Supervisors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701QPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7701QPWR Datasheet HTML 4Page - Texas Instruments TLC7701QPWR Datasheet HTML 5Page - Texas Instruments TLC7701QPWR Datasheet HTML 6Page - Texas Instruments TLC7701QPWR Datasheet HTML 7Page - Texas Instruments TLC7701QPWR Datasheet HTML 8Page - Texas Instruments TLC7701QPWR Datasheet HTML 9Page - Texas Instruments TLC7701QPWR Datasheet HTML 10Page - Texas Instruments TLC7701QPWR Datasheet HTML 11Page - Texas Instruments TLC7701QPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
www.ti.com
SWITCHING CHARACTERISTICS
at VDD = 5 V, RL = 2 kΩ, CL = 50 pF, TA = 25°C (unless otherwise noted)
MEASURED
TLC77xx
PARAMETER
TEST CONDITIONS
UNIT
FROM
TO
MIN
TYP
MAX
(INPUT)
(OUTPUT)
RESET
RESIN = 0.7 × VDD,
td
Delay time
VI(SENSE) ≥ VIT+
and
CONTROL = 0.2 × VDD, CT = 100 nF,
1.1
2.1
4.2
ms
RESET
TA = Full range, See timing diagram
Propagation delay time, low-
tPLH
20
to-high-level output
RESET
Propagation delay time, high-
tPHL
5
VIH = VIT+max + 0.2 V, VIL = VIT-min – 0.2 V,
to-low-level output
SENSE
RESIN = 0.7 × VDD, CONTROL = 0.2 × VDD,
µs
Propagation delay time, low-
CT = NC(1)
tPLH
5
to-high-level output
RESET
Propagation delay time, high-
tPHL
20
to-low-level output
Propagation delay time, low-
tPLH
20
µs
to-high-level output
RESET
Propagation delay time, high-
VIH = 0.7 × VDD, VIL = 0.2 × VDD,
tPHL
40
to-low-level output
SENSE = VIT+max + 0.2 V,
RESIN
ns
CONTROL = 0.2 × VDD,
Propagation delay time, low-
tPLH
45
CT = NC(1)
to-high-level output
RESET
Propagation delay time, high-
tPHL
20
µs
to-low-level output
Propagation delay time, low-
tPLH
38
ns
VIH = 0.7 × VDD, VIL = 0.2 × VDD,
to-high-level output
CONTROL
RESET
SENSE = VIT+max + 0.2 V, RESIN = 0.7 × VDD,
Propagation delay time, high-
CT = NC(1)
tPHL
38
ns
to-low-level output
Low-level minimum pulse
SENSE
VIH = VIT+max + 0.2 V, VIL = VIT-min –0.2 V,
duration to switch RESET
RESIN
VIL = 0.2 × VDD, VIH = 0.7 × VDD
and RESET
tr
Rise time
RESET
10% to 90%
and
tf
Fall time
90% to 10%
RESET
(1)
NC = No capacitor, and includes up to 100-pF probe and jig capacitance.
8
Submit Documentation Feedback
Copyright © 1994–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705


Similar Part No. - TLC7701QPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701QPWR TI-TLC7701QPWR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701QPWR TI-TLC7701QPWR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701QPWR TI1-TLC7701QPWR Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701QPWR TI1-TLC7701QPWR Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701QPWREP TI-TLC7701QPWREP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7701QPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com