Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1271IBPWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1271IBPWG4
Description  24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1271IBPWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1271IBPWG4 Datasheet HTML 3Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 4Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 5Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 6Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 7Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 8Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 9Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 10Page - Texas Instruments ADS1271IBPWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
7
TIMING CHARACTERISTICS: FRAME-SYNC FORMAT
SCLK
FSYNC
DOUT
DIN
t
DOHD
t
FPW
t
S
t
SF
t
SPW
t
SPW
t
FRAME
t
FPW
t
FS
t
DIHD
t
DDO
t
DIST
Bit 23 (MSB)
Bit 22
Bit 21
t
DOPD
CLK
t
CPW
t
CPW
t
CF
t
CLK
TIMING REQUIREMENTS: FRAME-SYNC FORMAT
for TA = −40°C to +105°C and DVDD = 1.65V to 3.6V.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
37
10,000
ns
tCPW
CLK positive or negative pulse width
15
ns
tCF
Falling edge of CLK to falling edge of SCLK
−0.35 tCLK
0.35 tCLK
ns
High-Speed mode
256
CLK periods
tFRAME
Frame period (1/fDATA)
High-Resolution mode
256 or 512(1)
CLK periods
tFRAME
Frame period (1/fDATA)
Low-Power mode
256 or 512(1)
CLK periods
tFPW
FSYNC positive or negative pulse width
1
SCLK periods
tFS
Rising edge of FSYNC to rising edge of SCLK
5
ns
tSF
Rising edge of SCLK to rising edge of FSYNC
5
ns
SCLK period (SCLK must
High-Speed mode
τFRAME/64
τFRAME periods
tS
SCLK period (SCLK must
be continuously running)
High-Resolution mode
τFRAME/128
τFRAME periods
tS
be continuously running)
Low-Power mode
τFRAME/64
τFRAME periods
tSPW
SCLK positive or negative pulse width
0.4tSCLK
0.6tSCLK
ns
tDOHD(2)(3) SCLK falling edge to old DOUT invalid (hold time)
5
ns
tDOPD(2)
SCLK falling edge to new DOUT valid (propagation delay)
12
ns
tDDO(2)
Valid DOUT to rising edge of FSYNC
0
ns
tDIST
New DIN valid to falling edge of SCLK (setup time)
6
ns
tDIHD(3)
Old DIN valid to falling edge of SCLK (hold time)
6
ns
(1) The ADS1271 automatically detects either frame period (only 256 or 512 allowed).
(2) Load on DOUT = 20pF.
(3) tDOHD (DOUT hold time) and tDIHD (DIN Hold time) are specified under opposite worst case conditions (digital supply voltage and ambient
temperature). Under equal conditions, with DOUT connected directly to DIN, the timing margin is 4nS.


Similar Part No. - ADS1271IBPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1271IPW BURR-BROWN-ADS1271IPW Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
ADS1271IPWR BURR-BROWN-ADS1271IPWR Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com