Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CR56A Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16CR56A
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CR56A Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16CR56A Datasheet HTML 2Page - Microchip Technology PIC16CR56A Datasheet HTML 3Page - Microchip Technology PIC16CR56A Datasheet HTML 4Page - Microchip Technology PIC16CR56A Datasheet HTML 5Page - Microchip Technology PIC16CR56A Datasheet HTML 6Page - Microchip Technology PIC16CR56A Datasheet HTML 7Page - Microchip Technology PIC16CR56A Datasheet HTML 8Page - Microchip Technology PIC16CR56A Datasheet HTML 9Page - Microchip Technology PIC16CR56A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
PIC16C5X
DS30453E-page 6
Preliminary
 1997-2013 Microchip Technology Inc.
TABLE 1-1:
PIC16C5X FAMILY OF DEVICES
Features
PIC16C54
PIC16CR54
PIC16C55
PIC16C56
PIC16CR56
Maximum Operation Frequency
40 MHz
20 MHz
40 MHz
40 MHz
20 MHz
EPROM Program Memory (x12 words)
512
512
1K
ROM Program Memory (x12 words)
512
1K
RAM Data Memory (bytes)
25
25
24
25
25
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
I/O Pins
12
12
20
12
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PIC® Family devices have Power-on Reset, selectable Watchdog Timer, selectable Code Protect and high
I/O current capability.
Features
PIC16C57
PIC16CR57
PIC16C58
PIC16CR58
Maximum Operation Frequency
40 MHz
20 MHz
40 MHz
20 MHz
EPROM Program Memory (x12 words)
2K
2K
ROM Program Memory (x12 words)
2K
2K
RAM Data Memory (bytes)
72
72
73
73
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
I/O Pins
20
20
12
12
Number of Instructions
33
33
33
33
Packages
28-pin DIP, SOIC;
28-pin SSOP
28-pin DIP, SOIC;
28-pin SSOP
18-pin DIP, SOIC;
20-pin SSOP
18-pin DIP, SOIC;
20-pin SSOP
All PIC® Family devices have Power-on Reset, selectable Watchdog Timer, selectable Code Protect and high
I/O current capability.


Similar Part No. - PIC16CR56A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CR56A MICROCHIP-PIC16CR56A Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16CR56A MICROCHIP-PIC16CR56A Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR56A MICROCHIP-PIC16CR56A Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16CR56A MICROCHIP-PIC16CR56A Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR56A MICROCHIP-PIC16CR56A Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results

Similar Description - PIC16CR56A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com