Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1243SKGD1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1243SKGD1
Description  24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1243SKGD1 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1243SKGD1 Datasheet HTML 1Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 2Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 3Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 4Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 5Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 6Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 7Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 8Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADS1243-HT
www.ti.com
SBAS525
– DECEMBER 2011
DIGITAL CHARACTERISTICS (continued)
VDD 2.7 V to 5.25 V
TA = –55°C to 125°C
TA = 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Master Clock Period:
1/fOSC
200
1000
200
1000
ns
tOSC
ELECTRICAL CHARACTERISTICS: VDD = 5 V
All specifications VDD = 5 V, fMOD = 19.2 kHz, PGA = 1, Buffer ON, fDATA = 15 Hz,
VREF ≡ (REF IN+) – (REF IN–) = 2.5 V, unless otherwise specified.
TA = –55°C to 125°C
TA = 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT (AIN0 – AIN7)
Buffer OFF
GND
– 0.1
VDD + 0.1
GND
– 0.1
VDD + 0.1
V
Analog Input Range
Buffer ON
GND + 0.05
VDD – 1.5
GND + 0.05
VDD – 1.5
V
(In+)
– (In–),
See Block Diagram,
±VREF/PGA
±VREF/PGA
V
RANGE = 0
Full-Scale Input Range
±VREF/
±VREF/
RANGE = 1
V
(2
● PGA)
(2
● PGA)
Buffer OFF
5/PGA
12/PGA
M
Ω
Differential Input Impedance
Buffer ON
5
8
G
Ω
fDATA = 3.75 Hz
–3 dB
1.65
Hz
Bandwidth
fDATA = 7.50 Hz
–3 dB
3.44
Hz
fDATA = 15 Hz
–3 dB
14.6
Hz
Programmable Gain
User-Selectable Gain Ranges
1
128
1
128
Amplifier
Input Capacitance
9
25
pF
Input Leakage Current
Modulator OFF, T = 25
°C
5
6
pA
Burnout Current Sources
2
µA
OFFSET DAC
±VREF /
±VREF /
RANGE = 0
V
(2
● PGA)
(2
● PGA)
Offset DAC Range
±VREF /
±VREF /
RANGE = 1
V
(4
● PGA)
(4
● PGA)
Offset DAC Monotonicity
8
8
Bits
Offset DAC Gain Error
±10
±15
%
Offset DAC Gain Error Drift
1
2.2
ppm/
°C
SYSTEM PERFORMANCE
Resolution
No Missing Codes
24
24
Bits
Integral Nonlinearity
End Point Fit
±0.0015
±0.0018
% of FS
ppm of
Offset Error(1)
7.5
15
FS
ppm of
Offset Drift(1)
0.02
0.04
FS/
°C
Gain Error(1)
0.005
0.100
%
Gain Error Drift(1)
0.5
1.118
ppm
°°C
at DC
100
94
dB
Common-Mode Rejection
fCM = 60 Hz, fDATA = 15 Hz
130
100
dB
fCM = 50 Hz, fDATA = 15 Hz
120
100
dB
fSIG = 50 Hz, fDATA = 15 Hz
100
95
dB
Normal-Mode Rejection
fSIG = 60 Hz, fDATA = 15 Hz
100
95
dB
Output Noise
See Typical Characteristics
(1)
Calibration can minimize these errors.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1243-HT


Similar Part No. - ADS1243SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1243SKGD1 TI1-ADS1243SKGD1 Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1243SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com