Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1222IPWT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1222IPWT
Description  24-Bit Analog-to-Digital Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1222IPWT Datasheet HTML 5Page - Texas Instruments ADS1222IPWT Datasheet HTML 6Page - Texas Instruments ADS1222IPWT Datasheet HTML 7Page - Texas Instruments ADS1222IPWT Datasheet HTML 8Page - Texas Instruments ADS1222IPWT Datasheet HTML 9Page - Texas Instruments ADS1222IPWT Datasheet HTML 10Page - Texas Instruments ADS1222IPWT Datasheet HTML 11Page - Texas Instruments ADS1222IPWT Datasheet HTML 12Page - Texas Instruments ADS1222IPWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
9
Analog Input Measurement without the Input Buffer
With the buffer disabled by setting the BUFEN pin low,
the ADS1222 measures the input signal using internal
capacitors
that
are
continuously
charged
and
discharged. Figure 14 shows a simplified schematic of
the ADS1222 input circuitry, with Figure 15 showing the
on/off timings of the switches. The S1 switches close
during the input sampling phase. With S1 closed, CA1
charges to AINP, CA2 charges to AINN, and CB charges
to (AINP – AINN). For the discharge phase, S1 opens
first and then S2 closes. CA1 and CA2 discharge to
approximately VDD/2 and CB discharges to 0V. This
two-phase sample/discharge cycle repeats with a
frequency of fCLK/32 (62.5kHz for fCLK = 2MHz).
Mux
VDD
VDD/2
VDD/2
S
1
S
1
AINN
AINP
S
2
C
A1
3pF
C
B
6pF
C
A2
3pF
VDD
ESD Protection
AINPx
AINNx
S
2
Figure 14. Simplified Input Structure with the
Buffer Turned Off
ON
OFF
ON
S
1
S
2
OFF
t
SAMPLE = 32/fCLK
Figure 15. S1 and S2 Switch Timing for Figure 14
The constant charging of the input capacitors presents
a load on the inputs that can be represented by effective
impedances. Figure 16 shows the input circuitry with
the capacitors and switches of Figure 14 replaced by
their effective impedances. These impedances scale
inversely with fCLK frequency. For example, if fCLK
frequency is reduced by a factor of 2, the impedances
will double.
Zeff
A =tSAMPLE/CA1 =6MΩ
(1)
Zeff
B =tSAMPLE/CB =3MΩ
(1)
Zeff
A =tSAMPLE/CA2 =6MΩ
(1)
NOTE: (1) fCLK =2MHz.
AINPx
AINNx
VDD/2
VDD/2
Figure 16. Effective Analog Input Impedances
with the Buffer Off
ESD diodes protect the inputs. To keep these diodes
from turning on, make sure the voltages on the input
pins do not go below GND by more than 100mV, and
likewise do not exceed VDD by 100mV:
GND – 100mV < (AINP, AINN) < VDD + 100mV
Analog Input Measurement with the Input Buffer
When the buffer is enabled by setting the BUFEN pin
high, a low-drift, chopper-stabilized input buffer is used
to achieve very high input impedance. The buffer
charges the input sampling capacitors, thus removing
the load from the measurement. Because the input
buffer is chopper-stabilized, the charging of parasitic
capacitances causes the charge to be carried away, as
if by resistance. The input impedance can be modeled
by a single resistor, as shown in Figure 17. The
impedance scales inversely with fCLK frequency, as in
the nonbuffered case. Note that during standby mode,
the buffer must be disabled to prevent loading of the
inputs.
AINP
AINN
1.2G
(1)
NOTE: (1) f
CLK =2MHz.
Figure 17. Effective Analog Input Impedances
with the Buffer On
Note also that the analog inputs (listed in the Electrical
Characteristics table as Absolute Input Range) must
remain between GND + 0.05V to VDD − 1.5V.
Exceeding this range degrades linearity and results in
performance outside the specified limits.


Similar Part No. - ADS1222IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222IPWT BURR-BROWN-ADS1222IPWT Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com