Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58B18IRGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58B18IRGZR
Description  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B18IRGZR Datasheet(HTML) 1 Page - Texas Instruments

  ADS58B18IRGZR Datasheet HTML 1Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 2Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 3Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 4Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 5Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 6Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 7Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 8Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
ADS58B18
ADS58B19
www.ti.com
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
11-Bit, 200MSPS/9-Bit, 250MSPS,
Ultralow-Power ADCs with Analog Buffer
Check for Samples: ADS58B18, ADS58B19
1
FEATURES
DESCRIPTION
23
ADS58B18: 11-Bit, 200MSPS
The ADS58B18/B19 are members of the ultralow
power ADS4xxx analog-to-digital converter (ADC)
ADS58B19: 9-Bit, 250MSPS
family that features integrated analog buffers and
Integrated High-Impedance Analog Input
SNRBoost
technology.
The
ADS58B18
and
Buffer
ADS58B19 are 11-bit and 9-bit ADCs with sampling
Ultralow Power:
rates up to 200MSPS and 250MSPS, respectively.
Innovative design techniques are used to achieve
– Analog Power: 258mW at 200MSPS
high
dynamic
performance
while
consuming
– I/O Power: 69mW (DDR LVDS, low LVDS
extremely low power. The analog input pins have
swing)
buffers
with
constant
performance
and
input
High Dynamic Performance:
impedance across a wide frequency range. This
architecture
makes
these
parts
well-suited
for
– ADS58B18: 66dBFS SNR and 81dBc SFDR
multi-carrier,
wide
bandwidth
communications
at 150MHz
applications such as PA linearization.
– ADS58B19: 55.7dBFS SNR and 76dBc
The
ADS58B18
uses
TI-proprietary
SNRBoost
SFDR at 150MHz
technology that can be used to overcome SNR
Enhanced SNR Using TI-Proprietary SNRBoost
limitation as a result of quantization noise for
Technology (ADS58B18 Only)
bandwidths less than Nyquist (fS/2).
– –77.7dBFS SNR in 20MHz Bandwidth
Both devices have gain options that can be used to
Dynamic Power Scaling with Sample Rate
improve SFDR performance at lower full-scale input
Output Interface:
ranges, especially at very high input frequencies.
They also include a dc offset correction loop that can
– Double Data Rate (DDR) LVDS with
be used to cancel the ADC offset. At lower sampling
Programmable Swing and Strength
rates, the ADC automatically operates at scaled-down
– Standard Swing: 350mV
power with no loss in performance.
– Low Swing: 200mV
These devices support both double data rate (DDR)
– Default Strength: 100Ω Termination
low-voltage differential signaling (LVDS) and parallel
– 2x Strength: 50Ω Termination
CMOS digital output interfaces. The low data rate of
the DDR LVDS interface (maximum 500Mbps) makes
– 1.8V Parallel CMOS Interface Also
it possible to use low-cost field-programmable gate
Supported
array
(FPGA)-based
receivers.
They
have
a
Programmable Gain for SNR/SFDR Trade-Off
low-swing LVDS mode that can be used to further
DC Offset Correction
reduce the power consumption. The strength of the
LVDS output buffers can also be increased to support
Supports Low Input Clock Amplitude
50
Ω differential termination.
Package: QFN-48 (7mm
× 7mm)
The ADS58B18/B19 are both available in a compact
QFN-48 package and specified over the industrial
temperature range (
–40°C to +85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS58B18IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
1Mb / 68P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
More results

Similar Description - ADS58B18IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B18 TI1-ADS58B18_11 Datasheet
1Mb / 68P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com