Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4432VOA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4432VOA
Description  1.5A High-Speed 30V MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432VOA Datasheet(HTML) 4 Page - Microchip Technology

  TC4432VOA Datasheet HTML 1Page - Microchip Technology TC4432VOA Datasheet HTML 2Page - Microchip Technology TC4432VOA Datasheet HTML 3Page - Microchip Technology TC4432VOA Datasheet HTML 4Page - Microchip Technology TC4432VOA Datasheet HTML 5Page - Microchip Technology TC4432VOA Datasheet HTML 6Page - Microchip Technology TC4432VOA Datasheet HTML 7Page - Microchip Technology TC4432VOA Datasheet HTML 8Page - Microchip Technology TC4432VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC4431/TC4432
DS21424D-page 4
© 2007 Microchip Technology Inc.
DC CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, Over operating temperature range with 4.5V
≤ V
DD ≤ 30V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current (Note 1)IIN
-10
10
µA
0V
≤ V
IN ≤ 12V
Output
High Output Voltage
VOH
VDD – 1.2
V
IOUT = 100 mA
Low Output Voltage
VOL
0.025
V
Output Resistance
RO
——
12
Ω
IOUT = 10 mA, VDD = 30V
Switching Time (Note 2)
Rise Time
tR
60
ns
Figure 4-1
Fall Time
tF
70
ns
Figure 4-1
Delay Time
tD1
——
100
ns
Figure 4-1
Delay Time
tD2
——
110
ns
Figure 4-1
Power Supply
Power Supply Current
IS
6
0.7
mA
VIN = 3V
VIN = 0V
Start-up Threshold
VS
—8.4
10
V
Drop-out Threshold
VDO
77.7
V
Note 3
Note 1:
For inputs >12V, add a 1 k
Ω resistor in series with the input. See Section 2.0 “Typical Performance
Curves” for input current graph.
2:
Switching times are ensured by design.
3:
For operation below 7V, pin 3 (LOCK DIS) should be tied to ground to disable the lockout and start-up cir-
cuit, otherwise, pin 3 must be left floating.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ V
DD ≤ 30V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
+85
ºC
Specified Temperature Range (V)
TA
-40
+125
ºC
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances:
Thermal Resistance, 8L-SOIC
θ
JA
—155
ºC/W
Thermal Resistance, 8L-PDIP
θ
JA
—125
ºC/W
Thermal Resistance, 8L-CERDIP
θ
JA
—150
ºC/W


Similar Part No. - TC4432VOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4432 TELCOM-TC4432 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4432 MICROCHIP-TC4432 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
TC4432CJA MICROCHIP-TC4432CJA Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC4432COA TELCOM-TC4432COA Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4432COA MICROCHIP-TC4432COA Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
More results

Similar Description - TC4432VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com