Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL2512JK-07L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RL2512JK-07L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL2512JK-07L Datasheet(HTML) 2 Page - YAGEO Corporation

  RL2512JK-07L Datasheet HTML 1Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 2Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 3Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 4Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 5Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 6Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 7Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 8Page - YAGEO Corporation RL2512JK-07L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
2
9
SERIES
RL
0402 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RL0402 to RL2512 low ohmic chip
resistors with lead-free terminations
made by thick film process.
APPLICATIONS
Converters
Printer equipment
Server board
Telecom
Consumer
FEATURES
Halogen Free Epoxy
RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
Low resistances applied to
current sensing
ORDERING EXAMPLE
The ordering code of a RL0603
chip resistor, value 0.56 X with
±1% tolerance, supplied in 7-inch
tape reel is: RL0603FR-070R56L.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or
specific symbol can be printed
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(1 to 976 mΩ)
0R1 = 0.1 Ω
0R12 = 0.12 Ω
0R105 = 0.105 Ω
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
RL XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) DEFAULT CODE
Letter L is system default code for order only (Note)
Letter H is Halogen / Lead free (special code on request)


Similar Part No. - RL2512JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512JK-070R105L YAGEO-RL2512JK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL2512JK-070R12L YAGEO-RL2512JK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL2512JK-070R1L YAGEO-RL2512JK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL2512JK-07100RL YAGEO-RL2512JK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL2512JK-0710RL YAGEO-RL2512JK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL2512JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com