Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

dsPIC30F6010A Datasheet(PDF) 4 Page - Microchip Technology

Part # dsPIC30F6010A
Description  High-Performance, 16-bit Digital Signal Controllers
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F6010A Datasheet(HTML) 4 Page - Microchip Technology

  dsPIC30F6010A Datasheet HTML 1Page - Microchip Technology dsPIC30F6010A Datasheet HTML 2Page - Microchip Technology dsPIC30F6010A Datasheet HTML 3Page - Microchip Technology dsPIC30F6010A Datasheet HTML 4Page - Microchip Technology dsPIC30F6010A Datasheet HTML 5Page - Microchip Technology dsPIC30F6010A Datasheet HTML 6Page - Microchip Technology dsPIC30F6010A Datasheet HTML 7Page - Microchip Technology dsPIC30F6010A Datasheet HTML 8Page - Microchip Technology dsPIC30F6010A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 236 page
background image
dsPIC30F6010A/6015
DS70150E-page 4
© 2011 Microchip Technology Inc.
Special Microcontroller Features:
• Enhanced Flash program memory:
- 10,000 erase/write cycle (min.) for
industrial temperature range, 100K (typical)
• Data EEPROM memory:
- 100,000 erase/write cycle (min.) for
industrial temperature range, 1M (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip,
low-power RC oscillator for reliable operation
• Fail-Safe Clock Monitor operation detects clock
failure and switches to on-chip, low-power RC
oscillator
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes
- Sleep, Idle and Alternate Clock modes
CMOS Technology:
• Low-power, high-speed Flash technology
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low-power consumption
dsPIC30F Motor Control and Power Conversion Family
Device
Pins
Program
Mem. Bytes/
Instructions
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
Motor
Control
PWM
A/D 10-bit
1 Msps
Quad
Enc
dsPIC30F6010A
80
144K/48K
8192
4096
5
8
8
8 ch
16 ch
Yes
2
2
1
2
dsPIC30F6015
64
144K/48K
8192
4096
5
8
8
8 ch
16 ch
Yes
2
2
1
1


Similar Part No. - dsPIC30F6010A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A Datasheet
3Mb / 203P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010A MICROCHIP-DSPIC30F6010A Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F6010A MICROCHIP-DSPIC30F6010A Datasheet
3Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6010A MICROCHIP-DSPIC30F6010A Datasheet
2Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6010A MICROCHIP-DSPIC30F6010A Datasheet
3Mb / 236P
   High-Performance, 16-Bit Digital Signal Controllers
08/29/06
More results

Similar Description - dsPIC30F6010A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com