Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC686M020RNJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJC686M020RNJ
Description  Standard Tantalum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC686M020RNJ Datasheet(HTML) 3 Page - AVX Corporation

  TAJC686M020RNJ Datasheet HTML 1Page - AVX Corporation TAJC686M020RNJ Datasheet HTML 2Page - AVX Corporation TAJC686M020RNJ Datasheet HTML 3Page - AVX Corporation TAJC686M020RNJ Datasheet HTML 4Page - AVX Corporation TAJC686M020RNJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TAJA336*002#NJ
A
33
2.5
0.8
8
1.7
1
TAJA476*002#NJ
A
47
2.5
0.9
6
3
1
TAJA686*002#NJ
A
68
2.5
1.4
8
1.5
1
TAJA107*002#NJ
A
100
2.5
2.5
30
1.4
1
TAJB107*002#NJ
B
100
2.5
2.5
8
1.4
1
TAJB157*002#NJ
B
150
2.5
3
10
1.6
1
TAJB227*002#NJ
B
220
2.5
4.4
16
1.6
1
TAJD227*002#NJ
D
220
2.5
5.5
8
0.3
1
TAJD337*002#NJ
D
330
2.5
8.2
8
0.3
1
TAJC477*002#NJ
C
470
2.5
9.4
12
0.2
1
TAJD477*002#NJ
D
470
2.5
11.6
8
0.2
1
TAJC687*002#NJ
C
680
2.5
17.0
18
0.2
1
TAJD687*002#NJ
D
680
2.5
17
16
0.2
1
TAJE687*002#NJ
E
680
2.5
17
10
0.2
1
1)
TAJD108M002#NJ
D
1000
2.5
25
20
0.2
1
TAJE108*002#NJ
E
1000
2.5
20
14
0.4
1
1)
TAJD158*002#NJ
D
1500
2.5
37.5
60
0.2
1
TAJE158*002#NJ
E
1500
2.5
37
20
0.2
1
1)
TAJV158M002#NJ
V
1500
2.5
30
20
0.2
1
1)
TAJV228M002#NJ
V
2200
2.5
55
50
0.2
1
1)
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TAJA336*004#NJ
A
33
4
1.3
6
3
1
TAJA476*004#NJ
A
47
4
1.9
8
2.6
1
TAJA686*004#NJ
A
68
4
2.7
10
1.5
1
TAJB686*004#NJ
B
68
4
2.7
6
1.8
1
TAJA107*004#NJ
A
100
4
4
30
1.4
1
TAJB107*004#NJ
B
100
4
4
8
0.9
1
TAJB157*004#NJ
B
150
4
6
10
1.5
1
TAJC157*004#NJ
C
150
4
6
6
0.3
1
TAJB227M004#NJ
B
220
4
8.8
12
1.1
1
TAJC227*004#NJ
C
220
4
8.8
8
1.2
1
TAJD227*004#NJ
D
220
4
8.8
8
0.9
1
TAJC337*004#NJ
C
330
4
13.2
8
0.3
1
TAJD337*004#NJ
D
330
4
13.2
8
0.9
1
TAJC477*004#NJ
C
470
4
18.8
14
0.3
1
TAJD477*004#NJ
D
470
4
18.8
12
0.9
1
TAJE477*004#NJ
E
470
4
18.8
10
0.5
1
1)
TAJD687*004#NJ
D
680
4
27.2
14
0.5
1
TAJE687*004#NJ
E
680
4
27.2
14
0.9
1
1)
TAJD108*004#NJ
D
1000
4
40
60
0.2
1
TAJE108*004#NJ
E
1000
4
40
14
0.4
1
1)
TAJV108*004#NJ
V
1000
4
40
16
0.2
1
1)
TAJE158*004#NJ
E
1500
4
60
30
0.2
1
1)
TAJV158M004#NJ
V
1500
4
60
30
0.2
1
1)
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TAJA106*006#NJ
A
10
6.3
0.6
6
4
1
TAJA156*006#NJ
A
15
6.3
0.9
6
3.5
1
TAJA226*006#NJ
A
22
6.3
1.4
6
3
1
TAJA336*006#NJ
A
33
6.3
2.1
8
2.2
1
TAJA476*006#NJ
A
47
6.3
2.8
10
1.6
1
TAJB476*006#NJ
B
47
6.3
3
6
2
1
TAJC476*006#NJ
C
47
6.3
3
6
1.6
1
TAJB686*006#NJ
B
68
6.3
4
8
0.9
1
TAJC686*006#NJ
C
68
6.3
4.3
6
1.5
1
TAJB107*006#NJ
B
100
6.3
6.3
10
1.7
1
TAJC107*006#NJ
C
100
6.3
6.3
6
0.9
1
TAJB157M006#NJ
B
150
6.3
9.5
10
1.2
1
TAJC157*006#NJ
C
150
6.3
9.5
6
1.3
1
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJD157*006#NJ
D
150
6.3
9.5
6
0.9
1
TAJC227*006#NJ
C
220
6.3
13.9
8
1.2
1
TAJD227*006#NJ
D
220
6.3
13.9
8
0.4
1
TAJE227*006#NJ
E
220
6.3
13.9
8
0.4
1
1)
TAJC337*006#NJ
C
330
6.3
19.8
12
0.5
1
TAJD337*006#NJ
D
330
6.3
20.8
8
0.4
1
TAJE337*006#NJ
E
330
6.3
20.8
8
0.4
1
1)
TAJD477*006#NJ
D
470
6.3
28
12
0.4
1
TAJE477*006#NJ
E
470
6.3
28
10
0.4
1
1)
TAJV477*006#NJ
V
470
6.3
28
10
0.4
1
1)
TAJE687*006#NJ
E
680
6.3
42.8
10
0.5
1
1)
TAJV687*006#NJ
V
680
6.3
42.8
10
0.5
1
1)
TAJE108M006#NJ
E
1000
6.3
60
20
0.2
1
1)
TAJV108M006#NJ
V
1000
6.3
60
16
0.2
1
1)
10 Volt @ 85ºC (7 Volt @ 125ºC)
TAJA475*010#NJ
A
4.7
10
0.5
6
5
1
TAJA685*010#NJ
A
6.8
10
0.7
6
4
1
TAJA106*010#NJ
A
10
10
1
6
3
1
TAJA156*010#NJ
A
15
10
1.5
6
3.2
1
TAJB156*010#NJ
B
15
10
1.5
6
2.8
1
TAJA226*010#NJ
A
22
10
2.2
8
3
1
TAJB226*010#NJ
B
22
10
2.2
6
2.4
1
TAJA336*010#NJ
A
33
10
3.3
8
1.7
1
TAJB336*010#NJ
B
33
10
3.3
6
1.8
1
TAJC336*010#NJ
C
33
10
3.3
6
1.6
1
TAJB476*010#NJ
B
47
10
4.7
8
1
1
TAJC476*010#NJ
C
47
10
4.7
6
1.2
1
TAJB686*010#NJ
B
68
10
6.8
6
1.4
1
TAJC686*010#NJ
C
68
10
6.8
6
1.3
1
TAJB107M010#NJ
B
100
10
10
8
1.4
1
TAJC107*010#NJ
C
100
10
10
8
1.2
1
TAJD107*010#NJ
D
100
10
10
6
0.9
1
TAJC157*010#NJ
C
150
10
15
8
0.9
1
TAJD157*010#NJ
D
150
10
15
8
0.9
1
TAJE157*010#NJ
E
150
10
15
8
0.9
1
1)
TAJC227*010#NJ
C
220
10
22
16
0.5
1
TAJD227*010#NJ
D
220
10
22
8
0.5
1
TAJE227*010#NJ
E
220
10
22
8
0.5
1
1)
TAJD337*010#NJ
D
330
10
33
8
0.9
1
TAJE337*010#NJ
E
330
10
33
8
0.9
1
1)
TAJV337*010#NJ
V
330
10
33
10
0.9
1
1)
TAJE477*010#NJ
E
470
10
47
10
0.5
1
1)
TAJU477*010RNJ
U
470
10
47
12
0.5
1
1)
TAJV477*010#NJ
V
470
10
47
10
0.5
1
1)
16 Volt @ 85ºC (10 Volt @ 125ºC)
TAJA225*016#NJ
A
2.2
16
0.5
6
6.5
1
TAJA335*016#NJ
A
3.3
16
0.5
6
5
1
TAJB335*016#NJ
B
3.3
16
0.5
6
4.5
1
TAJA475*016#NJ
A
4.7
16
0.8
6
4
1
TAJB475*016#NJ
B
4.7
16
0.8
6
3.5
1
TAJA685*016#NJ
A
6.8
16
1.1
6
3.5
1
TAJB685*016#NJ
B
6.8
16
1.1
6
2.5
1
TAJA106*016#NJ
A
10
16
1.6
6
3
1
TAJB106*016#NJ
B
10
16
1.6
6
2.8
1
TAJC106*016#NJ
C
10
16
1.6
6
2
1
TAJA156M016#NJ
A
15
16
2.4
6
2
1
TAJB156*016#NJ
B
15
16
2.4
6
2.5
1
TAJC156*016#NJ
C
15
16
2.4
6
1.8
1
TAJB226*016#NJ
B
22
16
3.5
6
2.3
1
TAJC226*016#NJ
C
22
16
3.5
6
1
1
8
I SEPTEMBER 2013


Similar Part No. - TAJC686M020RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC686M020#NJ AVX-TAJC686M020#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
More results

Similar Description - TAJC686M020RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com