Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0603JR-1022ML Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RC0603JR-1022ML
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603JR-1022ML Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button RC0603JR-1022ML Datasheet HTML 2Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 3Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 4Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 5Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 6Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 7Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 8Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 9Page - YAGEO Corporation RC0603JR-1022ML Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product specification
Chip Resistor Surface Mount
9
10
www.yageo.com
Aug 19, 2004 V.2
SERIES
RC
0603 (Pb Free)
75
initial drying
24 hours
90
− 98% RH
80
− 98%
RH
temperature
tolerance
±2
°C (±3.6 °F)
unless otherwise
specified
initial measurements
as specified in 2.2
0
STEP1
STEP3
STEP2
prior to first
cycle only
STEP4
one cycle 24 hours; repeat as specified in 2.5
voltage applied as specified in 2.4
circulation of conditioning air shall be at a
minimum cubic rate per minute equivalent to
10 times the volume of the chamber
STEP6
STEP7
HBK073
STEP5
510
15
end of final cycle;
measurements
as specified in 2.7
optional sub-cycle if specified
(2.3); sub-cycle performed during
any 5 of the first 9 cycles; humidity
uncontrolled during sub-cycle
20
time [h]
temperature
[
°C]
25
50
25
0
90
− 98% RH
90
− 98% RH
+10 °C (+18 °F)
−2 °C (−3.6 °F)
80
− 98%
RH
rate of change of temperature is unspecified,
however, specimens shall not be subjected to
radiant heating from chamber conditioning processes
Fig. 10 Moisture resistance test requirements


Similar Part No. - RC0603JR-1022ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603JR-102K2L YAGEO-RC0603JR-102K2L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0603JR-1022ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com