Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5606-A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5606-A
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5606-A Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5606-A Datasheet HTML 1Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 2Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 3Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 4Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 5Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 6Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 7Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 8Page - Renesas Technology Corp 2SC5606-A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PU10781EJ01V0DS
3
2SC5606
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°C)
Mounted on Glass Epoxy Board
(1.08 cm
2
× 1.0 mm (t) )
200
150
115
100
50
0
25
0
50
75
100
125
150
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
f = 1 MHz
1.0
0.1
1.0
0.1
10.0
100.0
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
650 A
μ
IB 100 A step
μ
IB = 50 A
μ
250 A
μ
450 A
μ
40
30
20
10
0
12
3
04
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Base to Emitter Voltage VBE (V)
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
1.2
VCE = 2 V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
1 000
100
10
0.1
10.0
1.0
100.0
VCE = 2 V
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - 2SC5606-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5606-A NEC-2SC5606-A Datasheet
73Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
California Eastern Labs
2SC5606-A CEL-2SC5606-A Datasheet
329Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
More results

Similar Description - 2SC5606-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com