Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4760AP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4760AP
Description  Silicon 1 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4760AP Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4760AP Datasheet HTML 1Page - Microsemi Corporation 1N4760AP Datasheet HTML 2Page - Microsemi Corporation 1N4760AP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon 1 Watt Zener Diodes
S C O T TS DALE DIVISION
1N4728AP thru 1N4764AP,e3 (PLASTIC)
ELECTRICAL CHARACTERISTICS*
ZENER
VOLTAGE
(Vz)
(Note 4)
TEST
CURRENT
(IZT)
MAXIMUM
DYNAMIC
IMPEDANCE
(ZZT @ IZT)
(Note 2)
MAXIMUM
REVERSE
CURRENT
(IR @ VR)
TEST
VOLTAGE
(VR)
MAXIMUM
REGULATOR
CURRENT
(IZM)
TA = 50
oC
MAXIMUM
KNEE
IMPEDANCE
(ZZK @ IZK)
(Note 2)
TEST
CURRENT
(IZK)
MAXIMUM
(SURGE)
CURRENT
(ISM)
(Note 3)
JEDEC
TYPE
NUMBER
(Note 1)
VOLTS
mA
OHMS
μA
VOLTS
mA
OHMS
mA
mA
1N4728A
1N4729A
1N4730A
1N4731A
3.3
3.6
3.9
4.3
76
69
64
58
10
10
9
9
100
100
50
10
1
1
1
1
276
252
234
217
400
400
400
400
1.0
1.0
1.0
1.0
1380
1260
1190
1070
1N4732A
1N4733A
1N4734A
1N4735A
4.7
5.1
5.6
6.2
53
49
45
41
8
7
5
2
10
10
10
10
1
1
2
3
193
178
162
146
500
550
600
700
1.0
1.0
1.0
1.0
970
890
810
730
1N4736A
1N4737A
1N4738A
1N4739A
6.8
7.5
8.2
9.1
37
34
31
28
3.5
4.0
4.5
5.0
10
10
10
10
4
5
6
7
133
121
110
100
700
700
700
700
1.0
0.5
0.5
0.5
660
605
550
500
1N4740A
1N4741A
1N4742A
1N4743A
10
11
12
13
25
23
21
19
7
8
9
10
10
5
5
5
7.6
8.4
9.1
9.9
91
83
76
69
700
700
700
700
0.25
0.25
0.25
0.25
454
414
380
344
1N4744A
1N4745A
1N4746A
1N4747A
15
16
18
20
17
15.5
14
12.5
14
16
20
22
5
5
5
5
11.4
12.2
13.7
15.2
61
57
50
45
700
700
750
750
0.25
0.25
0.25
0.25
304
285
250
225
1N4748A
1N4749A
1N4750A
1N4751A
22
24
27
30
11.5
10.5
9.5
8.5
23
25
35
40
5
5
5
5
16.7
18.2
20.6
22.8
41
38
34
30
750
750
750
1000
0.25
0.25
0.25
0.25
205
190
170
150
1N4752A
1N4753A
1N4754A
1N4755A
33
36
39
43
7.5
7.0
6.5
6.0
45
50
60
70
5
5
5
5
25.1
27.4
29.7
32.7
27
25
23
22
1000
1000
1000
1500
0.25
0.25
0.25
0.25
135
125
115
110
1N4756A
1N4757A
1N4758A
1N4759A
47
51
56
62
5.5
5.0
4.5
4.0
80
95
110
125
5
5
5
5
35.8
38.8
42.6
47.1
19
18
16
14
1500
1500
2000
2000
0.25
0.25
0.25
0.25
95
90
80
70
1N4760A
1N4761A
1N4762A
1N4763A
68
75
82
91
3.7
3.3
3.0
2.8
150
175
200
250
5
5
5
5
51.7
56.0
62.2
69.2
13
12
11
10
2000
2000
3000
3000
0.25
0.25
0.25
0.25
65
60
55
50
1N4764A
100
2.5
350
5
76.0
9
3000
0.25
45
*JEDEC Registered Data
NOTES:
1.
The JEDEC type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10% tolerance,
C signifies 2%, and D signifies 1% tolerance. Also add a P suffix for designating plastic construction, e.g. 1N4764AP (G suffix
designates glass body options described by separate data sheet).
2.
The Zener impedance is derived from the 60 Hz ac voltage that results when an ac current having an rms value equal to 10% of the dc
Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to ensure a sharp knee on the
breakdown curve and eliminate unstable units. See MicroNote 202 for zener impedance variation with different operating currents.
3.
The reverse surge current is measured at 25
oC ambient using a ½ square wave or equivalent sine wave pulse 1/120 second duration
superimposed on IZT.
4.
Zener voltage (VZ) is measured at TL = 25ºC (+8, -2ºC) and 90 seconds after application of dc current.
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
10-18-2005 REV C
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N4760AP

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
1N4760AP CHENG-YI-1N4760AP Datasheet
490Kb / 3P
   1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
logo
Micro Commercial Compon...
1N4760AP MCC-1N4760AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results

Similar Description - 1N4760AP

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com