Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3585 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC3585
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3585 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC3585 Datasheet HTML 2Page - Renesas Technology Corp 2SC3585 Datasheet HTML 3Page - Renesas Technology Corp 2SC3585 Datasheet HTML 4Page - Renesas Technology Corp 2SC3585 Datasheet HTML 5Page - Renesas Technology Corp 2SC3585 Datasheet HTML 6Page - Renesas Technology Corp 2SC3585 Datasheet HTML 7Page - Renesas Technology Corp 2SC3585 Datasheet HTML 8Page - Renesas Technology Corp 2SC3585 Datasheet HTML 9Page - Renesas Technology Corp 2SC3585 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
2SC3585
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
4
0
8
12
16
20
S21e
0.2 GHz
0.2 GHz
1.0 GHz
1.0 GHz
2.0 GHz
2.0 GHz
IC = 3 mA
IC = 10 mA
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.04
0
0.08
0.12
0.16 0.20
S12e
2.0 GHz
IC = 10 mA
IC = 3 mA
S12e-FREQUENCY
VCE = 6 V
200 MHz Step
CONDITION
VCE = 6 V
CONDITION
VCE = 6 V
CONDITION
2.0
GHz
2.0 GHz
0.2 GHz
0.2 GHz
IC = 3 mA
S11e
S22e
S22e
IC = 10 mA
0.2 GHz


Similar Part No. - 2SC3585

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Guangdong Kexin Industr...
2SC3585 KEXIN-2SC3585 Datasheet
38Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
California Eastern Labs
2SC3585 CEL-2SC3585 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
logo
Inchange Semiconductor ...
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
   Low Noise and High Gain
logo
NEC
2SC3585-T1B NEC-2SC3585-T1B Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
More results

Similar Description - 2SC3585

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com