Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

442941 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # 442941
Description  HIGH OHMIC CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

442941 Datasheet(HTML) 7 Page - YAGEO Corporation

  442941 Datasheet HTML 1Page - YAGEO Corporation 442941 Datasheet HTML 2Page - YAGEO Corporation 442941 Datasheet HTML 3Page - YAGEO Corporation 442941 Datasheet HTML 4Page - YAGEO Corporation 442941 Datasheet HTML 5Page - YAGEO Corporation 442941 Datasheet HTML 6Page - YAGEO Corporation 442941 Datasheet HTML 7Page - YAGEO Corporation 442941 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Chip Resistor Surface Mount
Product specification
7
8
SERIES
0805/1206 (RoHS Compliant)
RC-High ohmic
www.yageo.com
Dec 31, 2008 V.0
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
IEC 60068-2-58
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDECJ-STD-002B test D
IEC 60068-2-58
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
MIL-STD-202G-method 210F
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 270 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(1%+0.05 Ω)
No visible damage


Similar Part No. - 442941

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4429 ETC-4429 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
44290 ETC2-44290 Datasheet
379Kb / 1P
   Wiha Quality Tools
More results

Similar Description - 442941

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0727KL YAGEO-RC0805JR-0727KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com