Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V0S Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BZT52C3V0S
Description  200 mW Zener Diode 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C3V0S Datasheet(HTML) 3 Page - Micro Commercial Components

  BZT52C3V0S Datasheet HTML 1Page - Micro Commercial Components BZT52C3V0S Datasheet HTML 2Page - Micro Commercial Components BZT52C3V0S Datasheet HTML 3Page - Micro Commercial Components BZT52C3V0S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.mccsemi.com
2 of 3
Revision: A
2011/01/01
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 3. Zener Breakdown Characteristics
10
20
30
40
T = 25°C
j
Test current I
Z
5mA
C10
C12
C18
C22
C27
C33
C36
C15
C39
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
Z
5.0mA
T , AMBIENT TEMPERATURE, °C
A
Fig. 1. Power Derating Curve
200
100
0
300
0
100
200
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 4 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
BZT52C2V4S-BZT52C39S
Typical characteristics
MCC
TM
Micro Commercial Components
Test current I
Z
2mA


Similar Part No. - BZT52C3V0S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V0S DIODES-BZT52C3V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
DONGGUAN YOU FENG WEI E...
BZT52C3V0S YFWDIODE-BZT52C3V0S Datasheet
1Mb / 4P
   Zener Diodes
logo
SHENZHEN YONGERJIA INDU...
BZT52C3V0S WINNERJOIN-BZT52C3V0S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Bruckewell Technology L...
BZT52C3V0S BWTECH-BZT52C3V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
BZT52C3V0S DIODES-BZT52C3V0S Datasheet
91Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 13 - 2
More results

Similar Description - BZT52C3V0S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com