Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1V3G340 Datasheet(PDF) 1 Page - Epson Company

Part # S1V3G340
Description  Voice Guidance LSI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1V3G340 Datasheet(HTML) 1 Page - Epson Company

  S1V3G340 Datasheet HTML 1Page - Epson Company S1V3G340 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1V3G340
Voice Guidance LSI
 Overview
The S1V3G340 is an LSI incorporating high-compression, high-quality audio decoding functions, external
SPI flash memory interface, and a DA converter, making it ideal for use in voice guidance products. The
voice data creation tool for EPSON voice guidance LSI allows easy creation of high-quality voice data
without the need for studio recording. Use of external SPI flash memory allows easy interchanging of voice
data. Additional voice data can be transferred from a host when required. General-purpose output ports are
provided to allow flexible system design. All functions are controlled by commands via a serial interface for
easy addition to any existing system incorporating a host. The S1V3G340 offers pin compatibility with the
S1V3034x Series* facilitating substitution to suit system configurations.
The S1V3G340 will help users reduce time-to-market for products incorporating built-in voice guidance
functions.
* External parts differ from S1V3034x Series devices.
 Features
Audio playback
-
High-compression, high-quality audio decoder
(proprietary Epson data format)
-
Bitrate: 40 kbps, 32 kbps, 24 kbps, 16 kbps
-
Sampling rate: 16 kHz
Sequencer function (phrase interval setting)
-
Sequence setting for up to 64 phrases
(unlimited combinations)
-
Variable phrase interval delay setting: 0 ms or 20 ms to
2,047 ms (in 1 ms steps)
External SPI flash memory interface
-
Clock synchronized serial interface (SPI)
-
Maximum approx. 128 mins (16 Mbytes)
GPO
-
7 pins
Host interface
-
Clock synchronized serial interface,
supporting UART and I2C
-
Command control
High-quality 16-bit DA converter
-
Sampling rate (fs): 16 kHz
-
Input bits: 16 bits
Clock
-
Clock input: 32.768 kHz or 12.288 MHz
-
Crystal oscillator: 32.768 kHz
Package
-
QFP-52 pin (10 mm
 10 mm) 0.65 mm pin pitch
Power supply voltage
-
2.2 V to 5.5 V (single power supply)
 Standard application system
The S1V3G340 standard application system is configured as shown in the diagram below. The S1V3G340
is command-controlled by the host using a messaging protocol via the serial interface.
Controlled by commands sent from the host via the serial interface after power-on resetting, the S1V3G340
outputs voice audio while internally decoding and processing internal or streamed (via host command
transfer) compressed audio data.
Speaker
GPO x 7
SPI
flash memory
DA converter
Command controller
SPI master I/F
Serial interface
(SPI/UART/I2C)
Clock or crystal oscillator
32.768 kHz or 12.288 MHz
Power supply voltage
2.2 V to 5.5 V
(single power supply)
ROM
SRAM
Voice decoder
Host
SEIKO EPSON CORPORATION


Similar Part No. - S1V3G340

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1V30080 EPSON-S1V30080 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
S1V30080F00 EPSON-S1V30080F00 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
S1V30080F10 EPSON-S1V30080F10 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
S1V30080F11 EPSON-S1V30080F11 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
S1V30080M00 EPSON-S1V30080M00 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
More results

Similar Description - S1V3G340

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1V30345 EPSON-S1V30345 Datasheet
101Kb / 2P
   Voice Guidance LSI
S1V3S344 EPSON-S1V3S344 Datasheet
202Kb / 2P
   Voice Guidance LSI
logo
OKI electronic componet...
MSM7547 OKI-MSM7547 Datasheet
71Kb / 7P
   Voice Signal Level Control LSI
MSM7577 OKI-MSM7577 Datasheet
73Kb / 8P
   Voice Signal Level Control LSI
logo
Toshiba Semiconductor
TC8830F TOSHIBA-TC8830F Datasheet
3Mb / 65P
   C2MOS VOICE RECORDING/REPRODUCING LSI
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
OKI electronic componet...
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
   VOICE SYNTHESIS LSI with on-chip FIFO Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com