Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C33401 Datasheet(PDF) 9 Page - Epson Company

Part # S1C33401
Description  CMOS 32-bit Single Chip Microcomputer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C33401 Datasheet(HTML) 9 Page - Epson Company

Back Button S1C33401 Datasheet HTML 4Page - Epson Company S1C33401 Datasheet HTML 5Page - Epson Company S1C33401 Datasheet HTML 6Page - Epson Company S1C33401 Datasheet HTML 7Page - Epson Company S1C33401 Datasheet HTML 8Page - Epson Company S1C33401 Datasheet HTML 9Page - Epson Company S1C33401 Datasheet HTML 10Page - Epson Company S1C33401 Datasheet HTML 11Page - Epson Company S1C33401 Datasheet HTML 12Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
S1C33401
EPSON
9
I/O
I/O
I/O
I/O
I/O
Pull-up
∗1
∗1
∗1
∗1
Function
#CE7:
Chip enable signal for areas 7 and 19 (default)
P53:
General-purpose I/O port
CARD1:Card I/F signal 1 output (#SMWR or #CFCE2)
#CE6:
Chip enable signal for areas 6, 17 and 18 (default)
P52:
General-purpose I/O port
#CE5:
Chip enable signal for areas 5, 15 and 16 (default)
P51:
General-purpose I/O port
#CE4:
Chip enable signal for areas 4 and 14 (default)
P50:
General-purpose I/O port
CARD0:Card I/F signal 0 output (#SMRD or #CFCE1)
QFP
33
32
31
30
Pin No.
Pin name
#CE7
P53
CARD1
#CE6
P52
#CE5
P51
#CE4
P50
CARD0
PFBGA
J3
J1
J2
J4
Module
BBCU
PORT
CARD
BBCU
PORT
BBCU
PORT
BBCU
PORT
CARD
Input/Output Port and Peripheral Circuit Pin List
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Pull-up
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
Function
P00:
General-purpose I/O port (default)
SIN0:
Serial I/F Ch.0 data input
P01:
General-purpose I/O port (default)
SOUT0:
Serial I/F Ch.0 data output
P02:
General-purpose I/O port (default)
#SCLK0:
Serial I/F Ch.0 clock input/output
P03:
General-purpose I/O port (default)
#SRDY0:
Serial I/F Ch.0 ready signal input/output
P04:
General-purpose I/O port (default)
SIN1:
Serial I/F Ch.1 data input
P05:
General-purpose I/O port (default)
SOUT1:
Serial I/F Ch.1 data output
P06:
General-purpose I/O port (default)
#SCLK1:
Serial I/F Ch.1 clock input/output
P07:
General-purpose I/O port (default)
#SRDY1:
Serial I/F Ch.1 ready signal input/output
P10:
General-purpose I/O port (default)
TM0:
16-bit timer 0 output
P11:
General-purpose I/O port (default)
TM1:
16-bit timer 1 output
P12:
General-purpose I/O port (default)
TM2:
16-bit timer 2 output
P13:
General-purpose I/O port (default)
TM3:
16-bit timer 3 output
P14:
General-purpose I/O port (default)
TM4:
16-bit timer 4 output
#DMAEND0: HSDMA Ch.0 end-of-transfer signal output
P15:
General-purpose I/O port (default)
TM5:
16-bit timer 5 output
#DMAEND1: HSDMA Ch.1 end-of-transfer signal output
P16:
General-purpose I/O port (default)
TM6:
16-bit timer 6 output
#DMAACK0: HSDMA Ch.0 acknowledge signal output
P17:
General-purpose I/O port (default)
TM7:
16-bit timer 7 output
#DMAACK1: HSDMA Ch.1 acknowledge signal output
P20:
General-purpose I/O port (default)
SDCKE:
SDRAM clock enable signal output
SIN2:
Serial I/F Ch.2 data input
P21:
General-purpose I/O port (default)
SDCLK:
SDRAM clock output
SOUT2:
Serial I/F Ch.2 data output
P22:
General-purpose I/O port (default)
#SDCS:
SDRAM chip enable signal output
#SCLK2:
Serial I/F Ch.2 clock input/output
P23:
General-purpose I/O port (default)
#SDRAS:
SDRAM row address strobe signal output
#SRDY2:
Serial I/F Ch.2 ready signal input/output
P24:
General-purpose I/O port (default)
#SDCAS:
SDRAM column address strobe signal output
SIN3:
Serial I/F Ch.3 data input
QFP
157
158
159
162
163
166
167
168
38
39
41
42
43
44
45
46
124
131
125
126
127
Pin No.
Pin name
P00
SIN0
P01
SOUT0
P02
#SCLK0
P03
#SRDY0
P04
SIN1
P05
SOUT1
P06
#SCLK1
P07
#SRDY1
P10
TM0
P11
TM1
P12
TM2
P13
TM3
P14
TM4
#DMAEND0
P15
TM5
#DMAEND1
P16
TM6
#DMAACK0
P17
TM7
#DMAACK1
P20
SDCKE
SIN2
P21
SDCLK
SOUT2
P22
#SDCS
#SCLK2
P23
#SDRAS
#SRDY2
P24
#SDCAS
SIN3
PFBGA
A8
C8
D7
A7
C7
B6
A6
C6
L4
L1
L2
L3
M1
M4
M2
M3
F14
D14
G11
F12
E13
Module
PORT
SIO
PORT
SIO
PORT
SIO
PORT
SIO
PORT
SIO
PORT
SIO
PORT
SIO
PORT
SIO
PORT
T16
PORT
T16
PORT
T16
PORT
T16
PORT
T16
HSDMA
PORT
T16
HSDMA
PORT
T16
HSDMA
PORT
T16
HSDMA
PORT
EBCU
SIO
PORT
EBCU
SIO
PORT
EBCU
SIO
PORT
EBCU
SIO
PORT
EBCU
SIO


Similar Part No. - S1C33401

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33205 EPSON-S1C33205 Datasheet
377Kb / 2P
   32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
S1C33210 EPSON-S1C33210 Datasheet
304Kb / 2P
   Mobile Access Gateway IC
S1C33221 EPSON-S1C33221 Datasheet
354Kb / 2P
   32-bit Single Chip Microcontroller
S1C33222 EPSON-S1C33222 Datasheet
354Kb / 2P
   32-bit Single Chip Microcontroller
More results

Similar Description - S1C33401

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
logo
Sony Corporation
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com