Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7660AIBAZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7660AIBAZA
Description  Guaranteed Lower Max Supply Current for All Temperature Ranges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660AIBAZA Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7660AIBAZA Datasheet HTML 1Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 2Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 3Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 4Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 5Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 6Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 7Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 8Page - Intersil Corporation ICL7660AIBAZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN3179.7
January 23, 2013
Functional Block Diagram
VOLTAGE
LEVEL
TRANSLATOR
SUBSTRATE
NETWORK
OSC
LV
V+
CAP+
CAP-
7
OSCILLATOR
AND DIVIDE-BY-
2 COUNTER
6
INTERNAL SUPPLY
REGULATOR
3
LOGIC
Q3
3
Q1
VOUT
3
8
2
Q2
3
4
5
Q4
GND
Typical Performance Curves
See Figure 12, “ICL7660S Test Circuit” on page 7) and Figure 13 “ICL7660A Test Circuit” on page 7
FIGURE 1. OPERATING VOLTAGE AS A
FUNCTION OF TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 3. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF TEMPERATURE
FIGURE 4. POWER CONVERSION EFFICIENCY AS A
FUNCTION OF OSCILLATOR FREQUENCY
-55
-25
0
25
50
100
125
12
10
8
6
4
2
0
TEMPERATURE (°C)
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
250
200
150
100
50
0
02
4
6
8
10
12
SUPPLY VOLTAGE (V)
TA = +125°C
TA = +25°C
TA = -55°C
350
300
250
200
150
100
50
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
IOUT = 20mA,
V+ = 12V
IOUT = 20mA,
V+ = 5V
IOUT = 20mA,
V+ = 5V
IOUT = 3mA,
V+ = 2V
98
96
94
92
90
88
86
84
82
80
100
1k
10k
50k
OSC FREQUENCY fOSC (Hz)
V+ = 5V
TA = +25°C
IOUT = 1mA
ICL7660S, ICL7660A


Similar Part No. - ICL7660AIBAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
More results

Similar Description - ICL7660AIBAZA

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
   Lower ranges available - contact factory
logo
TDK Electronics
CGA6P3X7R1H475K250AB TDK-CGA6P3X7R1H475K250AB Datasheet
60Kb / 5P
   Multilayer Ceramic Chip Capacitors For automobile(Guaranteed at high temperature[150째C max.])
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
   Guaranteed Zero Reading for 0V Input on All Scales
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
   For surface mounted applications High temperature soldering guaranteed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com