Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDC652 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NDC652
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDC652 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDC652 Datasheet HTML 1Page - Fairchild Semiconductor NDC652 Datasheet HTML 2Page - Fairchild Semiconductor NDC652 Datasheet HTML 3Page - Fairchild Semiconductor NDC652 Datasheet HTML 4Page - Fairchild Semiconductor NDC652 Datasheet HTML 5Page - Fairchild Semiconductor NDC652 Datasheet HTML 6Page - Fairchild Semiconductor NDC652 Datasheet HTML 7Page - Fairchild Semiconductor NDC652 Datasheet HTML 8Page - Fairchild Semiconductor NDC652 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDC652P Rev. D1
-50
-25
0
25
50
75
100
125
150
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
T
, JUNCTION TEMPERATURE (°C)
I
= -250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
5
10
-V
, BODY DIODE FORWARD VOLTAGE (V)
T
= 125°C
J
25°C
-55°C
V
= 0V
GS
SD
Figure 7. Breakdown Voltage Variation
with Temperature
Figure 8. Body Diode Forward Voltage Variation with
Source Current and Temperature
Typical Electrical Characteristics (continued)
0
2
4
6
8
10
12
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= -2.4A
D
V
= -5V
DS
-10V
-15V
0.1
0.2
0.5
1
2
5
10
30
50
100
200
500
1000
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
D
S
-VDD
R
L
V
OUT
V
GS
DUT
V
IN
R
GEN
G
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH
Figure 9. Capacitance Characteristics
Figure 10. Gate Charge Characteristics
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms


Similar Part No. - NDC652

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDC652P VBSEMI-NDC652P Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDC652

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com