Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4082IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4082IBZ
Description  80V, 1.25A Peak Current H-Bridge FET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4082IBZ Datasheet HTML 1Page - Intersil Corporation HIP4082IBZ Datasheet HTML 2Page - Intersil Corporation HIP4082IBZ Datasheet HTML 3Page - Intersil Corporation HIP4082IBZ Datasheet HTML 4Page - Intersil Corporation HIP4082IBZ Datasheet HTML 5Page - Intersil Corporation HIP4082IBZ Datasheet HTML 6Page - Intersil Corporation HIP4082IBZ Datasheet HTML 7Page - Intersil Corporation HIP4082IBZ Datasheet HTML 8Page - Intersil Corporation HIP4082IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN3676.4
January 3, 2006
HIP4082
Application Block Diagram
Functional Block Diagram
80V
GND
LOAD
HIP4082
GND
12V
AHI
ALI
BLI
BHI
BLO
BHS
BHO
ALO
AHS
AHO
3
8
2
7
4
12
5
6
TURN-ON
DELAY
DRIVER
13
LEVEL
SHIFT
DRIVER
AHB
AHS
9
10
11
14
15
16
1
DRIVER
TURN-ON
DELAY
DRIVER
TURN-ON
DELAY
LEVEL
SHIFT
AHO
BHB
BHS
BHO
ALO BLO
TURN-ON
DELAY
UNDERVOLTAGE
DETECTOR
V
DD
BHI
AHI
DIS
ALI
V
DD
DEL
BLI
V
SS
U/V
U/V


Similar Part No. - HIP4082IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4082IBZ INTERSIL-HIP4082IBZ Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IBZ INTERSIL-HIP4082IBZ Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
Renesas Technology Corp
HIP4082IBZ RENESAS-HIP4082IBZ Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
More results

Similar Description - HIP4082IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL83202 INTERSIL-ISL83202 Datasheet
227Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
ISL6700 INTERSIL-ISL6700 Datasheet
255Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Intersil Corporation
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
HIP4086 INTERSIL-HIP4086_11 Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com