Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVJL22050-LF Datasheet(PDF) 2 Page - Dubilier

Part # DVJL22050-LF
Description  SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVJL22050-LF Datasheet(HTML) 2 Page - Dubilier

  DVJL22050-LF Datasheet HTML 1Page - Dubilier DVJL22050-LF Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
SURFACE MOUNT
SMD - 105˚C LOW IMPEDANCE DVJL
RANGE & CASE SIZE DØ x Lmm
Part No.
W.V
(V.DC)
Cap
(µF)
ESR
(120Hz/+20°C)
max
Ripple Current
(120Hz/+105°C)
(mA) rms max
Size
dia/height
DVJL476.3-LF
6.3
47
0.76
150
5X5.8
DVJL1006.3-LF
6.3
100
0.44
230
6.3X5.8
DVJL1506.3-LF
6.3
150
0.44
230
6.3X5.8
DVJL2206.3-LF
6.3
220
0.44
230
6.3X5.8
DVJL3306.3-LF
6.3
330
0.34
280
6.3X7.7
DVJL4706.3-LF
6.3
470
0.17
450
8X10.5
DVJL6806.3-LF
6.3
680
0.17
450
8X10.5
DVJL10006.3-LF
6.3
1000
0.17
450
8X10.5
DVJL15006.3-LF
6.3
1500
0.09
670
10X10.5
DVJL2210-LF
10
22
1.8
80
4X5.8
DVJL3310-LF
10
33
0.76
150
5X5.8
DVJL6810-LF
10
68
0.44
230
6.3X5.8
DVJL22010-LF
10
220
0.34
280
6.3X7.7
DVJL33010-LF
10
330
0.17
450
8X10.5
DVJL47010-LF
10
470
0.17
450
8X10.5
DVJL100010-LF
10
1000
0.09
670
10X10.5
DVJL1516-LF
16
15
1.8
80
4X5.8
DVJL2216-LF
16
22
0.76
150
5X5.8
DVJL4716-LF
16
47
0.44
230
6.3X5.8
DVJL6816-LF
16
68
0.44
230
6.3X5.8
DVJL10016-LF
16
100
0.44
230
6.3X5.8
DVJL15016-LF
16
150
0.34
280
6.3X7.7
DVJL22016-LF
16
220
0.34
280
6.3X7.7
DVJL33016-LF
16
330
0.17
450
8X10.5
DVJL47016-LF
16
470
0.17
450
8X10.5
DVJL68016-LF
16
680
0.09
670
10X10.5
DVJL1025-LF
25
10
1.8
80
4X5.8
DVJL1525-LF
25
15
0.76
150
5X5.8
DVJL2225-LF
25
22
0.76
150
5X5.8
DVJL3325-LF
25
33
0.44
230
6.3X5.8
DVJL4725-LF
25
47
0.44
230
6.3X5.8
DVJL6825-LF
25
68
0.44
230
6.3X5.8
DVJL10025-LF
25
100
0.34
280
6.3X7.7
DVJL15025-LF
25
150
0.17
450
8X10.5
DVJL22025-LF
25
220
0.17
450
8X10.5
DVJL33025-LF
25
330
0.17
450
8X10.5
DVJL47025-LF
25
470
0.09
670
10X10.5
DVJL4.735-LF
35
4.7
3.2
65
4X5.3
DVJL1035-LF
35
10
0.76
150
5X5.8
DVJL1535-LF
35
15
0.76
150
5X5.8
DVJL2235-LF
35
22
0.76
150
5X5.8
DVJL3335-LF
35
33
0.44
230
6.3X5.8
DVJL4735-LF
35
47
0.44
230
6.3X5.8
DVJL6835-LF
35
68
0.34
280
6.3X7.7
DVJL15035-LF
35
150
0.17
450
8X10.5
DVJL22035-LF
35
220
0.17
450
8X10.5
DVJL33035-LF
35
330
0.09
670
10X10.5
DVJL1050-LF
50
10
0.86
170
6.3X6.3
DVJL2250-LF
50
22
0.86
170
6.3X6.3
DVJL3350-LF
50
33
0.66
195
6.3X8
DVJL4750-LF
50
47
0.66
195
6.3X8
DVJL10050-LF
50
100
0.32
350
8X10.5
DVJL22050-LF
50
220
0.18
700
10X10.5
www.dubilier.co.uk


Similar Part No. - DVJL22050-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJL22050-LF DUBILIER-DVJL22050-LF Datasheet
262Kb / 2P
   SMD - 105째C LOW IMPEDANCE
More results

Similar Description - DVJL22050-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJL476.3LF DUBILIER-DVJL476.3LF Datasheet
104Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
EKZM100ELL152MH20D CHEMI-CON-EKZM100ELL152MH20D Datasheet
85Kb / 4P
   Low impedance, 105C
EKZE160ELL272ML20S CHEMI-CON-EKZE160ELL272ML20S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ160ELL471MJC5S CHEMI-CON-ELXZ160ELL471MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
logo
RUBYCON CORPORATION
100ZL20 RUBYCON-100ZL20 Datasheet
1Mb / 7P
   105C High ripple Current, Low impedance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com