Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ025BD Datasheet(PDF) 1 Page - Dubilier

Part # DZ025BD
Description  RESISTORS ZERO-OHM JUMPER DCO/DZO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DZ025BD Datasheet(HTML) 1 Page - Dubilier

  DZ025BD Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
132
RESISTORS
ZERO-OHM JUMPER DCO/DZO
ORDERING INFORMATION
SPECIFICATION
OUTLINE DRAWING
D
H
H
L
d
Type
Package L max.
D max.
d + 0.02
H
DCO/DZO12
0.125
4.2
2
0.5
28 ± 3
DCO/DZO25
0.25
6.8
2.5
0.6
28 ± 3
Max Resistance
0.005Ω
Current Rating
15 Amps at 70°C for 1/4w
10 Amps at 70°C for 1/6w
Insulation Resistance
Dry - 10,000MΩ Wet - 100MΩ
Dielectric Withstand
500V ac RMS
Insulation
Resistor insulation is self-extinguishing
Flammability
within 10 seconds after externally
applied flame is removed.
Body colour beige, coded with a single black stripe.
DCO = Carbon film
DZO = Steel Slug
DCO suitable for Amistar equipment
DZO
25
T
DCO
DZO
12 = 1/6W size
25 = 1/4W size
Taping
T = Tape
& Ammo
BD = Tape/Reel
OTHER RESISTORS AVAILABLE - REFER TO SALES OFFICE FOR: METAL
OXIDE, CEMENT, AND SPECIAL RESISTORS.
- 0.05
Cost effective
Available in 1/6W, 1/4W power rating
Industry standard.
www.dubilier.co.uk


Similar Part No. - DZ025BD

ManufacturerPart #DatasheetDescription
logo
Dubilier
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
More results

Similar Description - DZ025BD

ManufacturerPart #DatasheetDescription
logo
Dubilier
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
   HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
logo
Vishay Siliconix
FRJ50E36 VISHAY-FRJ50E36 Datasheet
96Kb / 3P
   Metal Film Resistors, Zero Ohm Jumper, Industrial
Revision: 24-Oct-12
FRJ55R36 VISHAY-FRJ55R36 Datasheet
96Kb / 3P
   Metal Film Resistors, Zero Ohm Jumper, Industrial
Revision: 24-Oct-12
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
   Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
Revision 01-Aug-02
logo
KOA Speer Electronics, ...
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ KOA-CNZ Datasheet
386Kb / 2P
   zero ohm jumper resistor array
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
51Kb / 1P
   WSL TYPE ZERO OHM JUMPER
logo
KOA Speer Electronics, ...
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
   zero ohm jumper chip resistor
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
   zero ohm jumper chip resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com