Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR2001T75R Datasheet(PDF) 1 Page - Dubilier

Part # DMR2001T75R
Description  RESISTORS PRECISION METAL FILM DMR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DMR2001T75R Datasheet(HTML) 1 Page - Dubilier

  DMR2001T75R Datasheet HTML 1Page - Dubilier DMR2001T75R Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
128
RESISTORS
PRECISION METAL FILM DMR
0.6W in 0.25W size
1%, E-96 values
The DMR range is available in power ratings from 1/6W to 2W. The
DMR25 offers a nominal 0.6W power rating in a standard 1/4W
size. Resistors are manufactured to JIS-5202
specifications and tested following MIL-R-22684, giving
repeatable performance between batches.
All product is coloured light blue with an easily readable
5-colour code.
D
H
H
L
d
TYPE
L
øD
H
ød
DMR12
3.3±0.4
1.8±0.3
28±2.0
0.5±0.05
DMR25
6.3±0.5
2.3±0.3
28±2.0
0.6±0.05
DMR100
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
DMR200
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05
Type
Power/W
Range, E24 & E96
Temperature Coefficient Max.
Working Voltage (70°C) Max.
Overload Voltage (70°C)
DMR12
0.166
10Ω-1MΩ
50ppm
200
400
DMR25
0.6
10Ω-1MΩ
50ppm
300
600
DMR100
1
10Ω-1MΩ
100ppm
500
1000
DMR200
2
10Ω-1MΩ
100ppm
500
1000
DMR
25
1
T
75R
Type
12 = 0.166W
25 = 0.6W
100 = 1W
200 = 2W
Tolerance
1% = 1
0.5% = 05
0.1% = 01
Taping
BD = Tape and
reel
T = Tape and
ammo
Value
in ohms
Operating Temperature:
-55°C to 155°C
* Parts also available with 26mm width taping - add PT26 to end of part numbeR. High precision
tolerance available to special order with extremely low ppm temperature coefficient e.g. 0.1% 15ppm
Taping specification available on page 134.
*
ORDERING INFORMATION
OUTLINE DRAWING
RANGE
www.dubilier.co.uk


Similar Part No. - DMR2001T75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR2001T75R DUBILIER-DMR2001T75R Datasheet
148Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
More results

Similar Description - DMR2001T75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR251T75R DUBILIER-DMR251T75R Datasheet
148Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
   PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com