Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR16T75R Datasheet(PDF) 1 Page - Dubilier

Part # DMR16T75R
Description  RESISTORS DMR 16 RESISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DMR16T75R Datasheet(HTML) 1 Page - Dubilier

  DMR16T75R Datasheet HTML 1Page - Dubilier DMR16T75R Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
130
FIG.1
RESISTORS
DMR 16 RESISTOR
ORDERING INFORMATION
NOMINAL RESISTANCE
DMR SELECTION GUIDE
VOLTAGE RATINGS
CONSTRUCTION
TABLE 1 RATINGS
POWER RATINGS
Rated Power
0.4W at 70˚C
Max. Working Voltage
200V
Max. Overload Voltage
400V
Rated ambient temp.
70˚C
Operating Temp. Range
-55˚C to +155˚C
Resistance tolerance
± 1%
Resistance range
10Ω to 1MΩ
Resistors shall have a power rating based on continuous full-load
operation at an ambient temperature of 70˚C. For temperature in
excess of 70˚C, the load shall be derated as shown in the figure 1.
Resistors shall have a rated direct-current (DC) continuous
working voltage or an approximate sine-wave root-mean-square
(RMS) alternating-current (AC) continuous working voltage at
commercial-line frequency and waveform corresponding to the power
rating, as determined from the following formula:
RCWV = P X R
Where: RCWV = rated DC or RMS AC continuous working
voltage at commercial-line frequency and waveform (Volt)
P = Power rating (Watt)
R = Nominal resistance (Ohm)
In no case shall the rated DC or RMS AC continuous working
voltage be greater than the applicable maximum value.
DMR
16
T
75R
Type
16 = 0.4W
Taping
BD= Tape and
reel
T = Tape and
ammo
Value
in ohms
Effective figures of nominal resistance shall be in accordance with
E-24 series, and resistance tolerance shall be shown by table 1.
No.
Name
Material
1
Basic Body Rod type ceramics
2
Resistor
Metal Film
3
End Cap
Steel (Tin plated Iron surface)
4
Lead Wire
Annealed Copper wire (electrosolder plated surface)
5
Joint
By welding
6
Coating
Insulated resin (colour - apple green)
7 Colour Code Epoxy resin
Please note taping specification is available on page 134.
www.dubilier.co.uk


Similar Part No. - DMR16T75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR16T75R DUBILIER-DMR16T75R Datasheet
121Kb / 2P
   RESISTORS DMR 16 RESISTOR
More results

Similar Description - DMR16T75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR16T75R DUBILIER-DMR16T75R Datasheet
121Kb / 2P
   RESISTORS DMR 16 RESISTOR
DMR251T75R DUBILIER-DMR251T75R Datasheet
148Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
DMR251T75R DUBILIER-DMR251T75R_11 Datasheet
276Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
logo
Vishay Siliconix
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
   Customer Special Edgewound Resistor (CS63), Wirewound Resistors
CS66 VISHAY-CS66 Datasheet
75Kb / 2P
   Customer Special Oval Resistor (CS66), Wirewound Resistors
logo
RFE international
NRHA250W-10R-J RFE-NRHA250W-10R-J Datasheet
95Kb / 1P
   POWER RESISTORS RHA Series: Aluminum Housed Resistor
logo
Pasternack Enterprises,...
PE6146 PASTERNACK-PE6146 Datasheet
76Kb / 1P
   7/16 MALE RESISTOR TERMINATION
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
   Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
Revision 01-Aug-02
EDGU VISHAY-EDGU Datasheet
138Kb / 4P
   Universal Edgewound Power Resistor (EDGU), Wirewound Resistors, Industrial Power
logo
Bi technologies
BB1110RC BITECH-BB1110RC Datasheet
511Kb / 2P
   Resistor capacitor network Thick film resistors Ceramic chip capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com