Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B08TKLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # B08TKLC
Description  Mini Spring Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

B08TKLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  B08TKLC Datasheet HTML 1Page - Coilcraft lnc. B08TKLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 107-2
Document 107-2 Revised 10/03/11
Mini Spring™ Air Core Inductors
Typical Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Typical L vs Frequency
25
20
15
10
5
0
60
55
50
45
40
35
30
25
20
15
10
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
17.5 nH
22.0 nH
28.0 nH
35.5 nH
43.0 nH
2.5 nH
5.0 nH
8.0 nH
12.5 nH
18.5 nH
Typical Q vs Frequency
220
210
200
190
180
170
160
150
140
130
135
130
125
120
115
110
105
100
95
90
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
28.0 nH
35.5 nH
43.0 nH
22.0 nH
17.5 nH
18.5 nH
12.5 nH
8.0 nH
5.0 nH
2.5 nH
Designer’s Kit C302 contains 12 each of all 5% values
Designer’s Kit C302-2 contains 12 each of all 2% values


Similar Part No. - B08TKLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B08TKLB COILCRAFT-B08TKLB Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
More results

Similar Description - B08TKLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A01TKL COILCRAFT-A01TKL Datasheet
240Kb / 2P
   Mini Spring??Air Core Inductors
A02TGLC COILCRAFT-A02TGLC Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
A03TJLC COILCRAFT-A03TJLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com