Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812DPS-473MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812DPS-473MLD
Description  1812DPS Coupled Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812DPS-473MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812DPS-473MLD Datasheet HTML 1Page - Coilcraft lnc. 1812DPS-473MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1812DPS Coupled Inductors
Document 248-1
Document 248-1 Revised 03/14/12
L
DCR
SRF
±20%2 Q
max
min
Isat4 Irms5
Part number1
(µH) min3 (Ohms) (MHz) (mA) (mA)
1812DPS-102ML_ 1.0
38
0.20
285
2400 2100
1812DPS-222ML_ 2.2
29
0.33
175
1500 1200
1812DPS-472ML_ 4.7
43
0.41
102
1500 1000
1812DPS-103ML_ 10
35
0.74
74
800
780
1812DPS-153ML_ 15
37
0.96
65
700
710
1812DPS-223ML_ 22
38
1.84
54
500
530
1812DPS-393ML_ 39
39
2.60
5.7
450
420
1812DPS-473ML_ 47
40
2.66
4.8
400
390
1. When ordering, please specify
packaging code:
1812DPS-473MLC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (2200 parts per full reel).
2. Per winding. Tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. Q measured at 1 MHz.
4. DC current at which the inductance drops 10% (typ) from its value
without current.
5. Current that causes a 40°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant gold over nickel over moly-manganese.
Weight 0.30 – 0.36 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″reel; 2200/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 3.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
• CoupledinductoroptimizedforxDSLfilteringapplications
• Canbeusedasacommonmodechoke,1:1transformeror
in SEPIC applications
A
B
C
D
E
F
G
max
max
max
ref
ref
ref
min
H
0.231 0.196 0.150
0.107 0.100 0.178
0.04
0.03 inches
5,87
4,98
3,81
2,72
2,54
4,52
1,02
0,76 mm
2
14
3
4
1
A
B
E
H
G
F
C
D
0.048
1,22
0.015
0,38
0.115
2,92
0.018
0,46
0.020
0,51
0.057
1,45
Recommended
Land Pattern
0.015
0,38
ref
0.040
1,02
0.020
0,51
min
0.030 ±0.002
0,76 ±0,05
Pad Detail
4
1
3
2


Similar Part No. - 1812DPS-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812DPS-473ML COILCRAFT-1812DPS-473ML Datasheet
220Kb / 2P
   Coupled Inductors for xDSL
1812DPS-473ML_ COILCRAFT-1812DPS-473ML_ Datasheet
421Kb / 2P
   Coupled Inductors
More results

Similar Description - 1812DPS-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com