Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812FS-562JLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812FS-562JLC
Description  Filter Inductors - 1812FS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812FS-562JLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812FS-562JLC Datasheet HTML 1Page - Coilcraft lnc. 1812FS-562JLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Filter Inductors – 1812FS Series
Document 254-1
DCR5
SRF6
L2
%3
Q4
max
typ
Isat7 Irms8
Partnumber1
(µH)
tol min (Ohms) (MHz) (mA) (mA)
1812FS-102_L_
1.0
10,5 30
0.070 320
3100 2950
1812FS-122_L_
1.2
10,5 35
0.110 280
2800 2600
1812FS-152_L_
1.5
10,5 20
0.105 200
2100 2850
1812FS-222_L_
2.2
10,5 30
0.120 175
1800 2700
1812FS-242_L_
2.4
10,5 25
0.175 160
1900 2050
1812FS-272_L_
2.7
10,5 30
0.200 165
1400 2100
1812FS-332_L_
3.3
10,5 33
0.185 160
1400 1900
1812FS-392_L_
3.9
10,5 32
0.195 145
1300 1700
1812FS-472_L_
4.7
10,5 28
0.15
125
1000 1800
1812FS-562_L_
5.6
10,5 35
0.40
110
1000 1650
1812FS-682_L_
6.8
10,5 35
0.35
110
850 1450
1812FS-103_L_
10
10,5 35
0.55
90
710 1400
1812FS-153_L_
15
10,5 40
0.75
75
680 1150
1812FS-223_L_
22
10,5 45
0.85
15
600
855
1812FS-333_L_
33
10,5 45
1.1
10
540
820
1812FS-393_L_
39
10,5 45
1.1
9.8
500
710
1812FS-473_L_
47
10,5 45
1.2
8.0
390
645
1812FS-683_L_
68
10,5 45
1.8
22.0
260
650
1812FS-104_L_ 100
10,5 45
2.5
4.5
260
520
1812FS-154_L_ 150
10,5 40
3.8
3.4
220
475
1812FS-224_L_ 220
10,5 45
5.4
3.0
180
390
1812FS-274_L_ 270
10,5 35
6.5
2.0
150
350
1812FS-334_L_ 330
10,5 45
6.8
3.0
150
310
1812FS-394_L_ 390
10,5 35
7.6
2.6
140
310
1812FS-474_L_ 470
10,5 35
8.7
2.1
130
280
1812FS-564_L_ 560
10,5 20 11.2
1.60 110
280
1812FS-684_L_ 680
10,5 25 12.7
1.90 100
250
1812FS-824_L_ 820
10,5 25 16.8
1.45
90
210
1812FS-105_L_ 1000
10,5 30 19.5
1.68
90
160
1. When ordering, please specify
tolerance and packaging codes:
1812FS-105JLC
Tolerance:
J = 5% K = 10%
(Table shows stock tolerances in bold.)
Packaging:
C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. On tape, but not machine ready.
To have a leader and a trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (2200 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft
SMD-A fixture in an Agilent/HP 4263B impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 1 MHz on an Agilent/HP 4291A with an Agilent/
HP 16193 test fixture.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF840 test
fixture.
6. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
7. DC current at which the inductance drops 10% (typ) from its value
without current.
8. Current that causes a 40°C temperature rise from 25°C ambient.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Magneticallyshieldedchipinductors
• Provideshighperformanceintransmitandreceivefilters
• 29inductancevaluesfrom1.0–1000µH
Core material Ceramic/Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Weight 0.33–0.36g
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+125°Cwithderatedcurrent
Storage temperature Component:–40°Cto+125°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C,partscooledtoroomtemperaturebetweencycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel. Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 3.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
Document 254-1 Revised 03/14/12


Similar Part No. - 1812FS-562JLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812FS-562_L COILCRAFT-1812FS-562_L Datasheet
219Kb / 2P
   Filter Inductors
1812FS-562_L COILCRAFT-1812FS-562_L Datasheet
210Kb / 2P
   Filter Inductors
More results

Similar Description - 1812FS-562JLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
   Filter Inductors
Revision: 30-Jan-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
   Filter Inductors
Revision: 27-Feb-06
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
219Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
TE_TD VISHAY-TE_TD Datasheet
104Kb / 6P
   Filter Inductors
Revision: 02-Jun-06
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
   FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
   FILTER INDUCTORS
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
   Filter Inductors
Revision: 27-Feb-06
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
   Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
   Filter Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com