Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008PS-392KLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008PS-392KLC
Description  Shielded High SRF Inductors - 1008PS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008PS-392KLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008PS-392KLC Datasheet HTML 1Page - Coilcraft lnc. 1008PS-392KLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 219-2
Power Chip Inductors – 1008PS Series
Typical L vs Frequency
Typical L vs Current
A
B
C
D
E
F
G
max
max
max
max
max
max typ
H
I
J
0.150 0.149 0.108 0.070 0.102 0.084 0.020 0.100 0.040 0.050 inches
3,81
3,78
2,74
1,78
2,59
2,13 0,51
2,54 1,02 1,27
mm
Document 219-2 Revised 03/14/12
Irms Derating
0.01
0.1
110
0.1
1
10
100
1000
10000
Frequency (MHz)
1000 µH
100 µH
10 µH
1µH
0.01
0.1
110
Current (A)
0.1
10
1
100
1000
10000
100 µH
10 µH
1µH
1000 µH
A
B
FD
C
E
G
I
I
J
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.015/0,38 both ends
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - 1008PS-392KLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-392KLC COILCRAFT-1008PS-392KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-392KLC COILCRAFT-1008PS-392KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results

Similar Description - 1008PS-392KLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-105KLC COILCRAFT-1008PS-105KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-182KLC COILCRAFT-1008PS-182KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
0805PS COILCRAFT-0805PS_18 Datasheet
269Kb / 2P
   Shielded High SRF Inductors
1008PS COILCRAFT-1008PS_18 Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1812PS COILCRAFT-1812PS_17 Datasheet
274Kb / 2P
   Shielded High SRF Inductors
0603PS COILCRAFT-0603PS_18 Datasheet
276Kb / 2P
   Shielded High SRF Inductors
1812PS-103JLC COILCRAFT-1812PS-103JLC Datasheet
226Kb / 2P
   Shielded High SRF Inductors - 1812PS
0603PS-473KLC COILCRAFT-0603PS-473KLC Datasheet
262Kb / 2P
   Shielded High SRF Inductors - 0603PS
1812PS-222KLB COILCRAFT-1812PS-222KLB Datasheet
262Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-103KLB COILCRAFT-1812PS-103KLB Datasheet
226Kb / 2P
   Shielded High SRF Inductors ??1812PS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com