Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0806SQ-8N9GLD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # 0806SQ-8N9GLD
Description  Square Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0806SQ-8N9GLD Datasheet(HTML) 3 Page - Coilcraft lnc.

  0806SQ-8N9GLD Datasheet HTML 1Page - Coilcraft lnc. 0806SQ-8N9GLD Datasheet HTML 2Page - Coilcraft lnc. 0806SQ-8N9GLD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Square Air Coil Inductors
Document 617-3
Document 617-2 Revised 06/26/13
Typical Q vs Frequency
Typical L vs Frequency
110
100
1000
10000
Frequency (MHz)
0
300
400
350
250
200
150
100
50
6.0 nH
8.9 nH
15.7 nH
19.4 nH
12.3 nH
0
300
400
350
250
200
150
100
50
110
100
1000
10000
Frequency (MHz)
6.9 nH
10.2 nH
17.0 nH
22.2 nH
13.7 nH
0806SQ
0807SQ
0908SQ
0
25
20
30
15
10
5
110
100
1000
10000
Frequency (MHz)
6.0 nH
8.9 nH
15.7 nH
19.4 nH
12.3 nH
0
25
20
30
15
10
5
110
100
1000
10000
Frequency (MHz)
6.9 nH
10.2 nH
17.0 nH
22.2 nH
13.7 nH
0806SQ
0807SQ
0908SQ


Similar Part No. - 0806SQ-8N9GLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0806SQ-8N9 COILCRAFT-0806SQ-8N9 Datasheet
335Kb / 3P
   Square Air Core Inductors
0806SQ-8N9-L COILCRAFT-0806SQ-8N9-L Datasheet
267Kb / 3P
   Square Air Core Inductors
More results

Similar Description - 0806SQ-8N9GLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
   Square Air Core Inductors
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
   Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
   Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
   Square Air Core Inductors
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
   Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
SQAC0806 ALLIED-SQAC0806 Datasheet
713Kb / 1P
   SMD Square Air Core Inductors
SQAC2222 ALLIED-SQAC2222 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com