Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402CS-30NGXLW Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402CS-30NGXLW
Description  Chip Inductors ??0402CS (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402CS-30NGXLW Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402CS-30NGXLW Datasheet HTML 1Page - Coilcraft lnc. 0402CS-30NGXLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors–0402CS(1005)
Document 198-1
Document 198-1 Revised 05/03/13
Typical L vs Frequency
Typical Q vs Frequency
0
10
20
30
40
50
60
110
100
1000
10000
Frequency (MHz)
27 nH
56 nH
19 nH
12 nH
5.6 nH
1 nH
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
12 nH
19 nH
5.6 nH
27 nH
1 nH
56 nH
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.047 0.025 0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018 inches
1,19
0,64
0,66
0,25
0,51
0,23
0,56
0,66
0,36
0,46 mm
A
B
overall
C
D
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Pick and
place
material
Irms Derating
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 0.8 – 1.0 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C to
+140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 or 5000 per 7
″ reel Paper tape: 8 mm wide,
1.68 mm thick, 2 mm pocket spacing
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Continuing in our long tradition of innovation and lead-
ership, Coilcraft introduced the industry’s first 0402
wirewound inductor.
This series shares all of the characteristics of Coilcraft’s
other ceramic inductors: exceptionally high Q factors,
especially at use frequencies; outstanding self-resonant
frequency; tight inductance tolerance; and excellent
batch-to-batch consistency.


Similar Part No. - 0402CS-30NGXLW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402CS-30NX ETC2-0402CS-30NX Datasheet
104Kb / 2P
   Chip Inductors
logo
Coilcraft lnc.
0402CS-30NXGLQ COILCRAFT-0402CS-30NXGLQ Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-30NXGLU COILCRAFT-0402CS-30NXGLU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-30NXGLW COILCRAFT-0402CS-30NXGLW Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-30NXL COILCRAFT-0402CS-30NXL Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
More results

Similar Description - 0402CS-30NGXLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-5N6XJLW COILCRAFT-0402CS-5N6XJLW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com