Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZMMBZ4252T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SZMMBZ4252T1G
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZMMBZ4252T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SZMMBZ4252T1G Datasheet HTML 1Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 2Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 3Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 4Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 5Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 6Page - ON Semiconductor SZMMBZ4252T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBZxxxALT1G Series, SZMMBZxxxALT1G Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
MMBZ5V6ALT1G thru MMBZ9V1ALT1G
@ TL  25C
MMBZ12VALT1G thru MMBZ33VALT1G
Ppk
24
40
W
Total Power Dissipation on FR−5 Board (Note 2)
@ TA = 25C
Derate above 25C
PD
225
1.8
mW
mW/C
Thermal Resistance Junction−to−Ambient
RqJA
556
C/W
Total Power Dissipation on Alumina Substrate (Note 3)
@ TA = 25C
Derate above 25C
PD
300
2.4
mW
mW/C
Thermal Resistance Junction−to−Ambient
RqJA
417
C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse per Figure 6 and derate above TA = 25C per Figure 7.
2. FR−5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in, 99.5% alumina.
*Other voltages may be available upon request.
ORDERING INFORMATION
Device
Package
Shipping
MMBZ5V6ALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZ5V6ALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ5V6ALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZ6VxALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZ6VxALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ6VxALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZ9V1ALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ9V1ALT13G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZxxVALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZxxVALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZxxVALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SZMMBZxxVALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - SZMMBZ4252T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ15VDLT1G ONSEMI-SZMMBZ15VDLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ15VDLT1G ONSEMI-SZMMBZ15VDLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ15VDLT1G ONSEMI-SZMMBZ15VDLT1G Datasheet
136Kb / 6P
   Zener Diodes, 40 Watt Peak Power
August, 2018 ??Rev. 17
SZMMBZ15VDLT3G ONSEMI-SZMMBZ15VDLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ15VDLT3G ONSEMI-SZMMBZ15VDLT3G Datasheet
136Kb / 6P
   Zener Diodes, 40 Watt Peak Power
August, 2018 ??Rev. 17
More results

Similar Description - SZMMBZ4252T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5V6ALT1 ONSEMI-MMBZ5V6ALT1 Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com