Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ07 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WZ07
Description  TinyLogic UHS Dual Buffer (Open Drain Outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ07 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WZ07 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7WZ07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ07 FAIRCHILD-NC7WZ07 Datasheet
106Kb / 8P
   TinyLogic UHS Dual Buffer (Open Drain Outputs)
logo
ON Semiconductor
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
462Kb / 11P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
May, 2022 - Rev. 5
logo
Rohm
NC7WZ07FHX ROHM-NC7WZ07FHX Datasheet
988Kb / 9P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
logo
ON Semiconductor
NC7WZ07FHX ONSEMI-NC7WZ07FHX Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
More results

Similar Description - NC7WZ07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ07 FAIRCHILD-NC7WZ07_05 Datasheet
106Kb / 8P
   TinyLogic UHS Dual Buffer (Open Drain Outputs)
logo
Rohm
NC7WZ07FHX ROHM-NC7WZ07FHX Datasheet
988Kb / 9P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
logo
ON Semiconductor
NC7WZ07 ONSEMI-NC7WZ07_V01 Datasheet
462Kb / 11P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
May, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
logo
ON Semiconductor
NC7SZ05 ONSEMI-NC7SZ05_V01 Datasheet
465Kb / 11P
   TinyLogic UHS Inverter, Open Drain Output
April, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05_04 Datasheet
156Kb / 8P
   TinyLogic UHS Inverter (Open Drain Output)
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7SZ05 ONSEMI-NC7SZ05 Datasheet
635Kb / 12P
   TinyLogic UHS Inverter, Open Drain Output
September 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com