Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402AF-330XJLW Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402AF-330XJLW
Description  Chip Inductors ??0402AF Series (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402AF-330XJLW Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402AF-330XJLW Datasheet HTML 1Page - Coilcraft lnc. 0402AF-330XJLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors – 0402AF Series
Document 422-2
20 nH
56 nH
100 nH
270 nH
560 nH
1
10
1000
100
0.001
0.01
110
0.1
Frequency (GHz)
Typical L vs Frequency
20 nH
56 nH
100 nH
270 nH
560 nH
16
14
12
10
8
6
4
2
0
110
100
Frequency (MHz)
Typical Q vs Frequency
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Document 422-2 Revised 12/17/12
Typical Impedance vs Frequency
20 nH
56 nH
100 nH
270 nH
560 nH
0.1
10
1
10000
1000
100
0.001
0.01
110
0.1
Frequency (GHz)
A
B
overall
E
F
F
D
terminal
E
H
C
G
Terminal wraparound:
approx 0.007/0,18 both ends
Pick and
place
material
Recommended
Land Pattern
A max B max C max
D
E
F
G
H
0.044
0.026 0.026 0.020 0.009 0.017 0.018 0.026 inches
1,12
0,66
0,66
0,51 0,23
0,43
0,46
0,66 mm
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 0402AF-330XJLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402AF-330XJL COILCRAFT-0402AF-330XJL Datasheet
204Kb / 2P
   Chip Inductors
0402AF-330XJL_ COILCRAFT-0402AF-330XJL_ Datasheet
130Kb / 2P
   Chip Inductors
More results

Similar Description - 0402AF-330XJLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com