Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4696T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMSZ4696T1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ4696T1G Datasheet(HTML) 6 Page - ON Semiconductor

  MMSZ4696T1G Datasheet HTML 1Page - ON Semiconductor MMSZ4696T1G Datasheet HTML 2Page - ON Semiconductor MMSZ4696T1G Datasheet HTML 3Page - ON Semiconductor MMSZ4696T1G Datasheet HTML 4Page - ON Semiconductor MMSZ4696T1G Datasheet HTML 5Page - ON Semiconductor MMSZ4696T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MMSZ4xxxT1G Series, SZMMSZ4xxxT1G Series
http://onsemi.com
6
PACKAGE DIMENSIONS
SOD−123
CASE 425−04
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
E
b
D
A
L
C
1
2
A1
DIM
MIN
NOM
MAX
MILLIMETERS
INCHES
A
0.94
1.17
1.35
0.037
A1
0.00
0.05
0.10
0.000
b
0.51
0.61
0.71
0.020
c
1.60
0.15
0.055
D
1.40
1.80
E
2.54
2.69
2.84
0.100
---
3.68
0.140
L
0.25
3.86
0.010
HE
0.046
0.002
0.024
0.063
0.106
0.145
0.053
0.004
0.028
0.071
0.112
0.152
MIN
NOM
MAX
3.56
HE
---
---
---
0.006
---
---
---
---
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
STYLE 1:
PIN 1. CATHODE
2. ANODE
1.22
0.048
0.91
0.036
2.36
0.093
4.19
0.165
mm
inches
SCALE 10:1
q
---
---
q
00
10
10

ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MMSZ4678T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MMSZ4696T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4696T1G ONSEMI-MMSZ4696T1G Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ4696T1G ONSEMI-MMSZ4696T1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
More results

Similar Description - MMSZ4696T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com