Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5911MNTBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5911MNTBG
Description  IMVP7.0 Compatible Synchronous Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5911MNTBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5911MNTBG Datasheet HTML 1Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 2Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 3Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 4Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 5Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 6Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 7Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 8Page - ON Semiconductor NCP5911MNTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
February, 2011 − Rev. 1
1
Publication Order Number:
NCP5911/D
NCP5911
IMVP7.0 Compatible
Synchronous Buck MOSFET
Driver
The NCP5911 is a high performance dual MOSFET gate driver
optimized to drive the gates of both high−side and low−side power
MOSFETs in a synchronous buck converter. It can drive up to 3 nF
load with a 25 ns propagation delay and 20 ns transition time.
Adaptive anti−cross−conduction and power saving operation circuit
can provide a low switching loss and high efficiency solution for
notebook systems.
A bidirectional Enable pin can provide a fault signal to the
controller when the gate driver detects an undervoltage lockout. The
UVLO function guarantees the outputs are low when the supply
voltage is low.
Features
Faster Rise and Fall Times
Adaptive Anti−Cross−Conduction Circuit
Zero Cross Detection function
Output Disable Control Turns Off Both MOSFETs
Undervoltage Lockout
Power Saving Operation Under Light Load Conditions
Direct Interface to NCP6131 and Other Compatible PWM
Controllers
Thermally Enhanced Package
These Devices are Pb−Free and are RoHS Compliant*
Typical Applications
Power Management Solutions for Notebook systems
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
NCP5911MNTBG
DFN8
(Pb−Free)
3000 / Tape & Reel
DFN8
CASE 506AA
MARKING
DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AL = Specific Device Code
M
= Date Code
G
= Pb−Free Package
1
2
3
4
5
6
7
8
BST
PWM
SW
VCC
EN
DRVH
DRVL
GND
PINOUT DIAGRAM
(Note: Microdot may be in either location)
FLAG
9
ALMG
G
1
1


Similar Part No. - NCP5911MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
More results

Similar Description - NCP5911MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com