Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5911 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5911
Description  IMVP7.0 Compatible Synchronous Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5911 Datasheet(HTML) 8 Page - ON Semiconductor

  NCP5911 Datasheet HTML 1Page - ON Semiconductor NCP5911 Datasheet HTML 2Page - ON Semiconductor NCP5911 Datasheet HTML 3Page - ON Semiconductor NCP5911 Datasheet HTML 4Page - ON Semiconductor NCP5911 Datasheet HTML 5Page - ON Semiconductor NCP5911 Datasheet HTML 6Page - ON Semiconductor NCP5911 Datasheet HTML 7Page - ON Semiconductor NCP5911 Datasheet HTML 8Page - ON Semiconductor NCP5911 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP5911
http://onsemi.com
8
APPLICATION INFORMATION
The NCP5911 gate driver is a single phase MOSFET
driver designed for driving N−channel MOSFETs in a
synchronous buck converter topology. The NCP5911 is
designed to work with ON Semiconductor’s NCP6131
multi−phase controller. This gate driver is optimized for
notebook applications.
Undervoltage Lockout
DRVH and DRVL are held low until VCC reaches 4.5 V
during startup. The PWM signal will control the gate status
when VCC threshold is exceeded.
Three−State EN Signal
Undervoltage Lockout will de−assert the EN pin, which
will pull down the DRON pin of the controller as well.
When EN is set to the mid state, both DRVH and DRVL
are set low, to force diode mode operation.
PWM Input and Zero Cross Detect (ZCD)
The PWM input, along with EN and ZCD, control the state
of DRVH and DRVL.
When PWM is set high, DRVH will be set high after the
adaptive non−overlap delay. When PWM is set low, DRVL
will be set high after the adaptive non−overlap delay.
When PWM is set to the mid state, DRVH will be set low,
and after the adaptive non−overlap delay, DRVL will be set
high. DRVL remains high during the ZCD blanking time.
When the timer has expired, the SW pin will be monitored
for zero cross detection. After the detection, DRVL will be
set low.
Adaptive Non−overlap
Adaptive dead time control is used to avoid shoot−through
damage of the power MOSFETs. When the PWM signal
pulls high, DRVL will be set low and the driver will monitor
the gate voltage of the low side MOSFET. When the DRVL
voltage falls below the gate threshold, DRVH will be set to
high after the tpdhDRVH delay. When PWM is set low, the
driver will monitor the gate voltage of the high side
MOSFET. When the DRVH−SWN voltage falls below the
top gate drive threshold, DRVL will be set to high after the
tpdhDRVL delay.
Layout Guidelines
The layout for a DC−DC converter is very important. The
bootstrap and VCC bypass capacitors should be placed close
to the driver IC.
Connect the GND pin to a local ground plane. The ground
plane can provide a good return path for gate drives and
reduce the ground noise. The thermal slug should be tied to
the ground plane for good heat dissipation. To minimize the
ground loop for the low side MOSFET, the driver GND pin
should be close to the low−side MOSFET source pin. The
gate drive trace should be routed to minimize its length. The
minimum width is 20 mils.
Gate Driver Power Loss Calculation
The gate driver power loss consists of the gate drive loss
and quiescent power loss.
The equation below can be used to calculate the power
dissipation of the gate driver. QGMF is the total gate charge
for each main MOSFET and QGSF is the total gate charge for
each synchronous MOSFET.
PDRV +
(eq. 1)
fSW
2
n
nMF QGMF ) nSF QGSF ) ICC
VCC
Also shown is the standby dissipation factor (ICC x VCC)
of the driver.


Similar Part No. - NCP5911

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
More results

Similar Description - NCP5911

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com