Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4680DMX12TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4680DMX12TCG
Description  150 mA, Low Noise Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4680DMX12TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4680DMX12TCG Datasheet HTML 1Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 2Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 3Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 4Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 5Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 6Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 7Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 8Page - ON Semiconductor NCP4680DMX12TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP4680
http://onsemi.com
2
Current Limit
Vref
VIN
GND
CE
VOUT
NCP4680Hxxxx
Current Limit
Vref
VOUT
VIN
GND
CE
NCP4680Dxxxx
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN4*
Pin No.
SC−70
Pin No.
SOT23
Pin Name
Description
1
4
5
VOUT
Output pin
2
3
2
GND
Ground
3
1
3
CE
Chip enable pin (Active “H”)
4
5
1
VIN
Input pin
2
4
NC
No connection
*Tab is GND level. (They are connected to the reverse side of this IC.
The tab is better to be connected to the GND, but leaving it open is also acceptable.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
6.0
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
6.0
V
Output Current
IOUT
180
mA
Power Dissipation XDFN0808
PD
286
mW
Power Dissipation SC−70
380
Power Dissipation SOT23
420
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latch−up Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP4680DMX12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX33TCG ONSEMI-NCP4681DMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4680DMX12TCG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com