Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZD384P5X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SZD384P5X
Description  TinyLogic UHS 1-Bit Low Power Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZD384P5X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SZD384P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500016
www.fairchildsemi.com
June 1997
Revised May 2003
NC7SZD384
TinyLogic
 UHS 1-Bit Low Power Bus Switch
with Level Shifting
General Description
The NC7SZD384 provides 1-bit of high-speed CMOS TTL-
compatible bus switch. The low on resistance of the switch
allows inputs to be connected to outputs with minimal prop-
agation delay and without generating additional ground
bounce noise. The device is organized as a 1-bit switch
with a bus enable (OE) signal. When OE is LOW, the
switch is on and Port A is connected to Port B. When OE is
HIGH, the switch is open and a high-impedance state
exists between the two ports. Reduced voltage drive to the
gate of the FET switch permits nominal level shifting of 5V
to 3.3V through the switch.
Features
s Space saving SOT23 or SC70 5-lead package
s Ultra small MicroPak
 leadless package
s 5
Ω switch connection between two ports
s Designed to be used in level-shifting applications
s Minimal propagation delay through the switch
s Low ICC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
Ordering Code:
Logic Symbol
Pin Descriptions
Function Table
Connection Diagrams
Pin Assignments for SC70 and SOT23
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order
Package
Product Code
Package Description
Supplied As
Number
Number
Top Mark
NC7SZD384M5X
MA05B
8Z4D
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7SZD384P5X
MAA05A
Z4D
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SZD384L6X
MAC06A
A4
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Name
Description
OE
Bus Switch Enable
ABus A
BBus B
NC
No Connect
OE
BO
Function
LAO
Connect
H
HIGH-Z State
Disconnect


Similar Part No. - NC7SZD384P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZD384P5X FAIRCHILD-NC7SZD384P5X Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
More results

Similar Description - NC7SZD384P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
106Kb / 8P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WB3306 FAIRCHILD-NC7WB3306 Datasheet
182Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ384 ONSEMI-NC7SZ384 Datasheet
315Kb / 11P
   1-Bit Low Power Bus Switch
Revised December 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com