Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCC-211B-050-225 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATCC-211B-050-225
Description  Meets EIA-535BAAC standard, Large capacitance in small size
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCC-211B-050-225 Datasheet(HTML) 1 Page - Abracon Corporation

  ATCC-211B-050-225 Datasheet HTML 1Page - Abracon Corporation ATCC-211B-050-225 Datasheet HTML 2Page - Abracon Corporation ATCC-211B-050-225 Datasheet HTML 3Page - Abracon Corporation ATCC-211B-050-225 Datasheet HTML 4Page - Abracon Corporation ATCC-211B-050-225 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ATCC-211(A, B, P) Series
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.22.12
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Widely used in PC, cell phones, notebooks and A/V products
• Noise suppression for power supply circuit
• Filtering for Audio circuit, blocking DC bias into earphone
• Power compensation for CPU to run at speed
• Energy storage for LED driving circuit
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Solid Tantalum Chip Capacitor
Abracon P/N:
Operating Temperature:
Storage Temperature
• Meets EIA-535BAAC standard
• Large capacitance in small size
• Exceptional stability in wide temperature range
:
-55˚C to +125˚C (Including self temperature rise)
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
-10˚C ~ +40˚C and 70% R.H. max.
ATCC-211(A, B, P) Series
Part Number
Dimensions
Rated DC
Voltage @
85°C
Nominal
Capacitance
Max Leakage
Current
25°C
Max
Dissipation
Factor
@25°C
120Hz
Max
Equivalent
Series
Resistance
@25°C
100kHz
Capacitance
Code
Units
V
µF
µA
%
Symbol
A, B, P
VR
C
IO Max
tan δ Max
ESR Max
ATCC-211A-004-107
A
4.0
100.0
4.0
18.0
5.0
107
ATCC-211B-004-227
B
4.0
220.0
8.8
18.0
0.5
227
ATCC-211P-006-106
P
6.3
10.0
0.6
8.0
10.0
106
ATCC-211A-006-226
A
6.3
22.0
1.3
6.0
4.0
226
ATCC-211A-006-336
A
6.3
33.0
2.1
8.0
4.5
336
ATCC-211A-006-476
A
6.3
47.0
3.0
8.0
3.5
476
ATCC-211B-006-107
B
6.3
100.0
6.3
10.0
3.0
107
ATCC-211P-010-106
P
10.0
10.0
1.0
15.0
10.0
106
ATCC-211A-010-106
A
10.0
10.0
1.0
6.0
4.0
106
ATCC-211A-010-226
A
10.0
22.0
2.2
8.0
4.0
226
ATCC-211B-010-107
B
10.0
100.0
10.0
15.0
1.5
107
ATCC-211P-016-105
P
16.0
1.0
0.5
6.0
25.0
105
ATCC-211A-016-475
A
16.0
4.7
0.8
6.0
6.0
475
ATCC-211A-016-106
A
16.0
10.0
1.6
8.0
7.0
106
ATCC-211B-016-106
B
16.0
10.0
1.6
6.0
2.8
106
ATCC-211B-016-226
B
16.0
22.0
3.5
8.0
2.2
226
ATCC-211A-025-475
A
25.0
4.7
1.2
8.0
6.0
475
ATCC-211B-025-475
B
25.0
4.7
1.2
6.0
2.0
475
ATCC-211B-025-106
B
25.0
10.0
2.5
6.0
3.0
106
ATCC-211A-035-104
A
35.0
0.1
0.5
4.0
20.0
104
ATCC-211A-035-105
A
35.0
1.0
0.5
4.0
10.0
105
ATCC-211B-035-335
B
35.0
3.3
1.2
6.0
3.5
335
ATCC-211B-035-475
B
35.0
4.7
1.6
6.0
2.0
475
ATCC-211B-050-225
B
50.0
2.2
1.1
6.0
2.0
225


Similar Part No. - ATCC-211B-050-225

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCC-211B-050-225 ABRACON-ATCC-211B-050-225 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-050-225 ABRACON-ATCC-211B-050-225 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-050-225 ABRACON-ATCC-211B-050-225 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-050-225 ABRACON-ATCC-211B-050-225 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results

Similar Description - ATCC-211B-050-225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485ARZ AD-ADM485ARZ Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
logo
List of Unclassifed Man...
DZ-2R5D106H8T ETC2-DZ-2R5D106H8T Datasheet
182Kb / 2P
   Standard, large capacitance type Capacitors
logo
Murata Manufacturing Co...
DLW43SH110XK2 MURATA1-DLW43SH110XK2_V01 Datasheet
328Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
   Meets true EIA/TIA-232-F Standards
logo
Murata Manufacturing Co...
DLW43SH220XK2 MURATA1-DLW43SH220XK2_V01 Datasheet
328Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
NIC-Components Corp.
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
Murata Manufacturing Co...
DLW43SH510XK2 MURATA1-DLW43SH510XK2_V01 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW21SN491XQ2 MURATA1-DLW21SN491XQ2_V01 Datasheet
407Kb / 3P
   Small size: L4.5xW3.2xT2.7mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
NIC-Components Corp.
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
Murata Manufacturing Co...
DLW43MH201XK2 MURATA1-DLW43MH201XK2 Datasheet
349Kb / 3P
   Small size: L4.5xW3.2xT2.7mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com