Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCC-211B-025-475 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ATCC-211B-025-475
Description  Meets EIA-535BAAC standard, Large capacitance in small size
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCC-211B-025-475 Datasheet(HTML) 3 Page - Abracon Corporation

  ATCC-211B-025-475 Datasheet HTML 1Page - Abracon Corporation ATCC-211B-025-475 Datasheet HTML 2Page - Abracon Corporation ATCC-211B-025-475 Datasheet HTML 3Page - Abracon Corporation ATCC-211B-025-475 Datasheet HTML 4Page - Abracon Corporation ATCC-211B-025-475 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ATCC-211(A, B, P) Series
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.22.12
Visit www.abracon.com for Terms & Conditions of Sale
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Solid Tantalum Chip Capacitor
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ATCC-211(A, B, P) Series
Solid Tantalum Chip Capacitor
Date of Issue: Oct. 29th, 2012
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ESD Sensitive
Page (6) of (15)
Abracon Drawing # 603389
Revision #: Initial Release
Mechanical Dimensions
Recommended Land Pattern
Dimensions: mm
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Recommended Land Pattern
Dimensions: mm
OUTLINE DIMENSIONS:
ATCC-211(A, B, P) Series
Solid Tantalum Chip Capacitor
Date of Issue: Oct. 29th, 2012
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ESD Sensitive
Page (6) of (15)
Abracon Drawing # 603389
Revision #: Initial Release
6.0
Mechanical Dimensions
6.1
Recommended Land Pattern
Dimensions: mm
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Materials
*The Case is black molded
Preheat condition: 150 ~200˚C /60~120sec.
∆ Allowed time above 217˚C: 60~90sec.
∆ Max temp: 260˚C
∆ Max time at max temp: 10sec.
∆ Solder paste: Sn/3.0Ag/0.5Cu
∆ Allowed Reflow time: 2x max
REFLOW PROFILE:
Date of Issue:
6.0
Mechanical Dimensions
6.1
Dimensions: mm
Dimension


Similar Part No. - ATCC-211B-025-475

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCC-211B-025-475 ABRACON-ATCC-211B-025-475 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025-475 ABRACON-ATCC-211B-025-475 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025-475 ABRACON-ATCC-211B-025-475 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025-475 ABRACON-ATCC-211B-025-475 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results

Similar Description - ATCC-211B-025-475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485ARZ AD-ADM485ARZ Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
logo
List of Unclassifed Man...
DZ-2R5D106H8T ETC2-DZ-2R5D106H8T Datasheet
182Kb / 2P
   Standard, large capacitance type Capacitors
logo
Murata Manufacturing Co...
DLW43SH110XK2 MURATA1-DLW43SH110XK2_V01 Datasheet
328Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
   Meets true EIA/TIA-232-F Standards
logo
Murata Manufacturing Co...
DLW43SH220XK2 MURATA1-DLW43SH220XK2_V01 Datasheet
328Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
NIC-Components Corp.
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
Murata Manufacturing Co...
DLW43SH510XK2 MURATA1-DLW43SH510XK2_V01 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW21SN491XQ2 MURATA1-DLW21SN491XQ2_V01 Datasheet
407Kb / 3P
   Small size: L4.5xW3.2xT2.7mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
NIC-Components Corp.
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
Murata Manufacturing Co...
DLW43MH201XK2 MURATA1-DLW43MH201XK2 Datasheet
349Kb / 3P
   Small size: L4.5xW3.2xT2.7mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com