Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212VS-22NMEB Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # 1212VS-22NMEB
Description  High Frequency, High Current Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1212VS-22NMEB Datasheet(HTML) 3 Page - Coilcraft lnc.

  1212VS-22NMEB Datasheet HTML 1Page - Coilcraft lnc. 1212VS-22NMEB Datasheet HTML 2Page - Coilcraft lnc. 1212VS-22NMEB Datasheet HTML 3Page - Coilcraft lnc. 1212VS-22NMEB Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
High Frequency, High Current Power Inductors–1010VS, 1212VS, 2014VS
Document 893-3
Document 893-3 Revised 01/23/13
1010VS
2014VS
1212VS
All dimensions are in inches.
mm
Packaging
1010VS-23N
250/7
″ reel; ; 1000/13″ reel; 3.81 mm pocket depth
1010VS-46N
250/7
″ reel; ; 900/13″ reel; 4.32 mm pocket depth
1010VS-79N
200/7
″ reel; ; 800/13″ reel; 5.05 mm pocket depth
Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing
1010VS-111
175/7
″ reel; ; 700/13″ reel; 5.84 mm pocket depth
1010VS-141
150/7
″ reel; ; 600/13″ reel; 6.35 mm pocket depth
Plastic tape: 24 mm wide, 0.40 mm thick, 16 mm pocket spacing
1212VS-22N
450/13
″ reel; 8.86 mm pocket depth
1212VS-42N
400/13
″ reel; 7.87 mm pocket depth
1212VS-66N
350/13
″ reel; 9.02 mm pocket depth
1212VS-90N
300/13
″ reel; 10.67 mm pocket depth
1212VS-111
250/13
″ reel; 11.68 mm pocket depth
Plastic tape: 24 mm wide, 0.50 mm thick, 20 mm pocket spacing
2014VS-33N
500/13
″ reel; 6,22 mm pocket depth
2014VS-66N
450/13
″ reel; 7,37 mm pocket depth
2014VS-111
400/13
″ reel; 8,56 mm pocket depth
2014VS-151
350/13
″ reel; 9,45 mm pocket depth
2014VS-201
350/13
″ reel; 10,67 mm pocket depth
2014VS-251
250/13
″ reel; 11,68 mm pocket depth
Plastic tape: 44 mm wide, 0.50 mm thick, 20 mm pocket spacing
Height
Weight
Part number
inches
mm
(g)
1010VS-23N
0.142
3,60
1010VS-46N
0.161
4,10
1010VS-79N
0.189
4,80
1010VS-111
0.220
5,60
1010VS-141
0.240
6,10
0.49
0.65
0.82
0.98
1.23
0.069
1,75
0.211
5,36
Height
(See table)
0.100
2,54
0.375
9,53
0.311
7,91
0.394
10,0
max
Dash
number
0.394
10,0
max
min
0.336 ±0.01
8,55 ±0,25
Recommended
Land Pattern
0.004 / 0,10
XXX
X
Internal
code
0.453
11,5
max
0.472
12,0
max
0.357 ±0.040
9,07 ±1,02
Height
(See table)
0.10
2,54
0.004 / 0,10
0.130
3,30
0.355
9,02
0.348
8,84
Recommended
Land Pattern
Height
Weight
1212VS-42N
0.299
7,60
1212VS-66N
0.346
8,80
1212VS-90N
0.409
10,4
1212VS-111
0.445
11,3
Part number
inches mm
(g)
1212VS-22N
0.260
6,60
2.2
2.7
3.2
3.7
4.2
Dash
number
XXX
X
Internal
code
0.218
5,56 min
0.770
19,56 max
0.535
13,60 max
Height
(See table)
0.004 / 0,10
0.10
2,54
0.13
3,30
0.10
2,54
0.515
16,08
0.150
3,81
0.410
10,41
0.185
4,70
0.643
16,33
0.205
5,21
Recommended
Land Pattern
Height
Weight
2014VS-66N 0.279
7,09
2014VS-111
0.327
8,31
2014VS-151
0.362
9,19
2014VS-201
0.409
10,4
2014VS-251
0.449
11,4
Part number inches mm
(g)
2014VS-33N 0.236
5,99
1.6
2.3
3.1
3.6
4.4
5.0
XXX
X
Dash
number
Internal
code
0.160
4,06
0.290
7,37
0.296
7,52 min


Similar Part No. - 1212VS-22NMEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1212VS-22NME COILCRAFT-1212VS-22NME Datasheet
327Kb / 3P
   High Frequency, High Current Power Inductors
1212VS-22NME_ COILCRAFT-1212VS-22NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
1212VS-22NME_ COILCRAFT-1212VS-22NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
1212VS-22NME_ COILCRAFT-1212VS-22NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
More results

Similar Description - 1212VS-22NMEB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
   High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
   High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com