Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ58P6X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SZ58P6X
Description  TinyLogic UHS Universal Configurable 2-Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ58P6X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SZ58P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ58P6X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Note 2: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 12) CPD is related to ICCD dynamic operatic current by the expression:
ICCD = (CPD)(VCC)(fin) + (ICCstatic).
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
IOFF
Power Off Leakage Current
0.0
1
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
1.65
−5.5
1
10
µAV
IN = 5.5V, GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Fig. No.
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay In to Y 1.8 ± 0.15
3.0
8
14.0
3.0
14.5
ns
Figures
11, 13
tPHL
2.5
± 0.2
1.5
4.9
8.0
1.5
8.5
CL = 15 pF
3.3
± 0.3
1.2
3.7
5.3
1.2
5.7
RL = 1 MΩ
5.0
± 0.5
0.8
2.8
4.3
0.8
4.6
tPLH
Propagation Delay In to Y
3.3
± 0.3
1.5
4.2
6.0
1.5
6.5
ns
CL = 50pF
Figures
11, 13
tPHL
5.0
± 0.5
1.0
3.4
4.9
1.0
5.3
RL = 500Ω
CIN
Input Capacitance
0
2
pF
CPD
Power Dissipation
3.3
14
pF
(Note 2)
Figure 12
Capacitance
5.0
17


Similar Part No. - NC7SZ58P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ58P6X FAIRCHILD-NC7SZ58P6X Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ58P6X ONSEMI-NC7SZ58P6X Datasheet
628Kb / 15P
   UHS Universal Configurable Two-Input Logic Gates
Sep 2011 Rev. 1.0.4
NC7SZ58P6X ONSEMI-NC7SZ58P6X Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SZ58P6X-L22347 ONSEMI-NC7SZ58P6X-L22347 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ58P6X FAIRCHILD-NC7SZ58P6X_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
More results

Similar Description - NC7SZ58P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com