Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3953A-BDFM Datasheet(PDF) 8 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 8 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 4Page - ams AG AS3953A-BDFM Datasheet HTML 5Page - ams AG AS3953A-BDFM Datasheet HTML 6Page - ams AG AS3953A-BDFM Datasheet HTML 7Page - ams AG AS3953A-BDFM Datasheet HTML 8Page - ams AG AS3953A-BDFM Datasheet HTML 9Page - ams AG AS3953A-BDFM Datasheet HTML 10Page - ams AG AS3953A-BDFM Datasheet HTML 11Page - ams AG AS3953A-BDFM Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.ams.com
Revision 1.0
8 - 42
AS3953
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6.3 Electrical Specification
VP_SPI = 3.0 V, Temperature 25ºC unless noted otherwise
Symbol
Parameter
Min
Typ
Max
Units
Note
ISB_SPI
Standby consumption on VP_SPI
100
nA
@ 25ºC
VLIM
Limiter voltage
5.2
5.8
V
ILC = 30mA (DC)
IS
Supply current
250
µA
Internal supply current measured in
test mode on VREC, 13.56 MHz
alternative pulses with amplitude
2Vpp, negative peak at VSS, forced to
LC1 and LC2
VVP_REG
Regulated supply voltage
1.65
1.8
2.01
V
Set to 1.8V in EEPROM Configuration
word
VHF_PON
HF_PON threshold (rising VREG)
2.3
V
Guaranteed by design only
VPOR_HY
HF_PON hysteresis
0.8
V
VMOD
Modulator ON voltage drop
1.2
V
ILC = 1mA
2.6
ILC = 30mA
CR
Resonance capacitor for die
25.2
28
30.8
pF
Measured at 10MHz, 3.0Vpp (2.5Vpp)
Guaranteed by design
Resonance capacitor for MLPD package
38.2
31.3
34.4
Resonance capacitor for WL-CSP package
27
30
33
EEEN
EEPROM endurance
100 000
cycles
@ 125ºC
EERET
EEPROM retention
10
years


Similar Part No. - AS3953A-BDFM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3953A-BDFM AMSCO-AS3953A-BDFM Datasheet
423Kb / 42P
   14443 High Speed Passive Tag Interface
More results

Similar Description - AS3953A-BDFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
   14443 High Speed Passive Tag Interface
logo
ams AG
AS3953B AMSCO-AS3953B Datasheet
727Kb / 64P
   14443 High Speed Passive Tag Interface
2016-Jan-07
AS3953 AMSCO-AS3953_07 Datasheet
423Kb / 42P
   14443 High Speed Passive Tag Interface
AS3953A AMSCO-AS3953A_V01 Datasheet
863Kb / 70P
   14443 High Speed Passive Tag Interface
2019-Feb-15
AS3953A AMSCO-AS3953A Datasheet
681Kb / 42P
   High Speed Passive Tag Interface
logo
Abracon Corporation
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.25.14
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.24.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.25.14
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
   HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com