Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4661-2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4661-2
Description  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4661-2 Datasheet HTML 1Page - Analog Devices ADA4661-2 Datasheet HTML 2Page - Analog Devices ADA4661-2 Datasheet HTML 3Page - Analog Devices ADA4661-2 Datasheet HTML 4Page - Analog Devices ADA4661-2 Datasheet HTML 5Page - Analog Devices ADA4661-2 Datasheet HTML 6Page - Analog Devices ADA4661-2 Datasheet HTML 7Page - Analog Devices ADA4661-2 Datasheet HTML 8Page - Analog Devices ADA4661-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADA4661-2
Rev. 0 | Page 3 of 32
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—18 V OPERATION
VSY = 18 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
30
150
µV
VCM = 1.5 V to 16.5 V
150
µV
VCM = 1.5 V to 16.5 V; −40°C ≤ TA ≤ +125°C
500
µV
VCM = 0 V to 18 V
300
µV
VCM = 0 V to 18 V; −40°C ≤ TA ≤ +125°C
600
µV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.6
3.1
μV/°C
Input Bias Current
IB
0.5
15
pA
−40°C ≤ TA ≤ +85°C
100
pA
−40°C ≤ TA ≤ +125°C
900
pA
Input Offset Current
IOS
11
pA
−40°C ≤ TA ≤ +85°C
30
pA
−40°C ≤ TA ≤ +125°C
300
pA
Input Voltage Range
0
18
V
Common-Mode Rejection Ratio
CMRR
VCM = 1.5 V to 16.5 V
115
135
dB
VCM = 1.5 V to 16.5 V; −40°C ≤ TA ≤ +125°C
110
dB
VCM = 0 V to 18 V
100
118
dB
VCM = 0 V to 18 V; −40°C ≤ TA ≤ +125°C
91
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VOUT = 0.5 V to 17.5 V
120
147
dB
−40°C ≤ TA ≤ +125°C
120
dB
Input Resistance
Differential Mode
RINDM
>10
Common Mode
RINCM
>10
Input Capacitance
Differential Mode
CINDM
8.5
pF
Common Mode
CINCM
3
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
17.95
17.97
V
−40°C ≤ TA ≤ +125°C
17.94
V
RL = 1 kΩ to VCM
17.6
17.79
V
−40°C ≤ TA ≤ +125°C
17.58
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
14
25
mV
−40°C ≤ TA ≤ +125°C
40
mV
RL = 1 kΩ to VCM
120
200
mV
−40°C ≤ TA ≤ +125°C
300
mV
Continuous Output Current
IOUT
Dropout voltage = 1 V
40
mA
Short-Circuit Current
ISC
Pulse width = 10 ms; refer to the Maximum
Power Dissipation section
±220
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
0.2
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 3.0 V to 18 V
120
145
dB
−40°C ≤ TA ≤ +125°C
120
dB
Supply Current per Amplifier
ISY
IOUT = 0 mA
630
725
µA
−40°C ≤ TA ≤ +125°C
975
µA


Similar Part No. - ADA4661-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
ADA4661-2-KGD-WP AD-ADA4661-2-KGD-WP Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results

Similar Description - ADA4661-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
   18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
   22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com